Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV47711 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części NCV47711
Szczegółowy opis  Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47711 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button NCV47711_17 Datasheet HTML 4Page - ON Semiconductor NCV47711_17 Datasheet HTML 5Page - ON Semiconductor NCV47711_17 Datasheet HTML 6Page - ON Semiconductor NCV47711_17 Datasheet HTML 7Page - ON Semiconductor NCV47711_17 Datasheet HTML 8Page - ON Semiconductor NCV47711_17 Datasheet HTML 9Page - ON Semiconductor NCV47711_17 Datasheet HTML 10Page - ON Semiconductor NCV47711_17 Datasheet HTML 11Page - ON Semiconductor NCV47711_17 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
NCV47711
www.onsemi.com
8
DEFINITIONS
General
All measurements are performed using short pulse low duty
cycle techniques to maintain junction temperature as close
as possible to ambient temperature.
Output Voltage
The output voltage parameter is defined for specific
temperature, input voltage and output current values or
specified over Line, Load and Temperature ranges.
Line Regulation
The change in output voltage for a change in input voltage
measured for specific output current over operating ambient
temperature range.
Load Regulation
The change in output voltage for a change in output current
measured for specific input voltage over operating ambient
temperature range.
Dropout Voltage
The input to output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. It is measured when the output voltage Vout
has dropped −2% from the nominal value obtained at Vin =
Vout_nom + 8.5 V. The junction temperature, load current,
and minimum input supply requirements affect the dropout
level.
Quiescent and Disable Currents
Quiescent Current (Iq) is the difference between the input
current (measured through the LDO input pin) and the
output load current. If Enable pin is set to LOW the regulator
reduces its internal bias and shuts off the output, this term is
called the disable current (IDIS).
Current Limit
Current Limit is value of output current by which output
voltage drops below 90% of its nominal value.
PSRR
Power Supply Rejection Ratio is defined as ratio of output
voltage and input voltage ripple. It is measured in decibels
(dB).
Line Transient Response
Typical output voltage overshoot and undershoot response
when the input voltage is excited with a given slope.
Load Transient Response
Typical output voltage overshoot and undershoot response
when the output current is excited with a given slope
between low−load and high−load conditions.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 175
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The power dissipation level is maximum allowed power
dissipation for particular package or power dissipation at
which the junction temperature reaches its maximum
operating value, whichever is lower.


Podobny numer części - NCV47711_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47711PDAJR2G ONSEMI-NCV47711PDAJR2G Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
More results

Podobny opis - NCV47711_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710 Datasheet
153Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47711 ONSEMI-NCV47711 Datasheet
157Kb / 11P
   5 V to 20 V Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
April, 2012 ??Rev. 0
NCV47551 ONSEMI-NCV47551 Datasheet
168Kb / 12P
   3.3 V to 20 V Adjustable Low Noise LDO Regulator with Adjustable Current Limit and 3.3 V Logic
December, 2013 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Richtek Technology Corp...
RT9179A RICHTEK-RT9179A Datasheet
267Kb / 11P
   Adjustable, 500mA LDO Regulator with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com