Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV47721 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części NCV47721
Szczegółowy opis  Adjustable LDO with Adjustable Current Limit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47721 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button NCV47721 Datasheet HTML 4Page - ON Semiconductor NCV47721 Datasheet HTML 5Page - ON Semiconductor NCV47721 Datasheet HTML 6Page - ON Semiconductor NCV47721 Datasheet HTML 7Page - ON Semiconductor NCV47721 Datasheet HTML 8Page - ON Semiconductor NCV47721 Datasheet HTML 9Page - ON Semiconductor NCV47721 Datasheet HTML 10Page - ON Semiconductor NCV47721 Datasheet HTML 11Page - ON Semiconductor NCV47721 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
NCV47721
www.onsemi.com
8
TYPICAL CHARACTERISTICS
Figure 10. Output Current Limit vs. RCSO
Figure 11. CSO Voltage vs. Output Current
(% of Output Current Limit)
RCSO (kW)
Iout, OUTPUT CURRENT (% of ILIM)
24
18
16
12
8
4
2
0
0
50
100
150
200
250
300
350
100
80
60
50
40
20
10
0
0
0.5
1.0
1.5
2.0
2.5
3.0
Figure 12. Current Consumption vs. Output
Current
Figure 13. Current Consumption vs. Output
Current
Iout, OUTPUT CURRENT (mA)
Iout, OUTPUT CURRENT (mA)
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
0
0.1
0.3
0.4
0.6
0.7
0.8
1.0
280
240
200
160
120
80
40
0
0
2
4
6
8
10
12
14
Figure 14. Output Current to CSO Current
Ratio vs. Output Current
Figure 15. Output Current to CSO Current
Ratio in Dropout vs. Output Current
Iout, OUTPUT CURRENT (mA)
IOUT, OUTPUT CURRENT (mA)
1K
100
10
1
88
92
94
98
100
106
108
112
1K
100
10
1
50
55
60
70
80
85
90
100
Vout = 3.3 V to 20 V
610
14
20 22
26
20.0
0.2
0.5
0.9
TJ = 25°C
Vin = Vout_nom + 8.5 V
90
96
102
104
110
TJ = 25°C
Vin = Vout_nom + 8.5 V
TJ = 25°C
Vin = 4.5 V
Vout_nom = 5 V
30
70
90
110
TJ = 25°C
Vin = Vout_nom + 8.5 V
Vout = 3.3 V to 20 V
TJ = −40°C to 150°C
ILIM = 10 mA to 300 mA
65
75
95


Podobny numer części - NCV47721

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722DAJR2G ONSEMI-NCV47722DAJR2G Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722MNWTXG ONSEMI-NCV47722MNWTXG Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
NCV47722PAAJR2G ONSEMI-NCV47722PAAJR2G Datasheet
163Kb / 14P
   High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
More results

Podobny opis - NCV47721

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47821 ONSEMI-NCV47821_17 Datasheet
181Kb / 15P
   Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
January, 2017 ??Rev. 2
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
   Negative Regulator with Adjustable Current Limit
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
   Power Switch with Adjustable Current Limit
logo
Linear Technology
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
   Negative Regulator with Adjustable Current Limit
logo
Richtek Technology Corp...
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
   Power Switch with Adjustable Current Limit
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
   Load Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com