Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NCV47821 Arkusz danych(PDF) 15 Page - ON Semiconductor

Numer części NCV47821
Szczegółowy opis  Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV47821 Arkusz danych(HTML) 15 Page - ON Semiconductor

Back Button NCV47821_17 Datasheet HTML 7Page - ON Semiconductor NCV47821_17 Datasheet HTML 8Page - ON Semiconductor NCV47821_17 Datasheet HTML 9Page - ON Semiconductor NCV47821_17 Datasheet HTML 10Page - ON Semiconductor NCV47821_17 Datasheet HTML 11Page - ON Semiconductor NCV47821_17 Datasheet HTML 12Page - ON Semiconductor NCV47821_17 Datasheet HTML 13Page - ON Semiconductor NCV47821_17 Datasheet HTML 14Page - ON Semiconductor NCV47821_17 Datasheet HTML 15Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
NCV47821
www.onsemi.com
15
PACKAGE DIMENSIONS
TSSOP−14 EP
CASE 948AW
ISSUE C
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE PROTRUSION SHALL BE
0.07 mm MAX. AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER RADI-
US OF THE FOOT. MINIMUM SPACE BETWEEN PRO-
TRUSION AND ADJACENT LEAD IS 0.07.
4. DIMENSION D DOES NOT INCLUDE MOLD FLASH,
PROTRUSIONS OR GATE BURRS. MOLD FLASH,
PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED
0.15 mm PER SIDE. DIMENSION D IS DETERMINED AT
DATUM H.
5. DIMENSION E1 DOES NOT INCLUDE INTERLEAD
FLASH OR PROTRUSIONS. INTERLEAD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.25 mm PER
SIDE. DIMENSION E1 IS DETERMINED AT DATUM H.
6. DATUMS A AND B ARE DETERMINED AT DATUM H.
7. A1 IS DEFINED AS THE VERTICAL DISTANCE FROM
THE SEATING PLANE TO THE LOWEST POINT ON THE
PACKAGE BODY.
8. SECTION B−B TO BE DETERMINED AT 0.10 TO 0.25 mm
FROM THE LEAD TIP.
DIM
MIN
MAX
MILLIMETERS
A
−−−−
1.20
b
0.19
0.30
c
0.09
0.20
A1
0.05
0.15
L
0.45
0.75
M
0
8
_
_
6.70
14X
0.42
14X
1.15
0.65
DIMENSIONS: MILLIMETERS
1
PITCH
SOLDERING FOOTPRINT
E
6.40 BSC
L2
0.25 BSC
RECOMMENDED
3.06
3.40
SECTION B−B
c
c1
b
b1
A2
0.80
1.05
b1
0.19
0.25
c1
0.09
0.16
D
4.90
5.10
D2
3.09
3.62
E1
4.30
4.50
E2
2.69
3.22
0.65 BSC
e
SEATING
PLANE
A2
M
L
DETAIL A
END VIEW
PIN 1
7
1
14
8
TOP VIEW
E1
SIDE VIEW
REFERENCE
0.20 C
NOTE 5
2X 14 TIPS
B
0.10 C
C
A
14X
c
DETAIL A
A1
B
B
E2
BOTTOM VIEW
D2
b
0.10 C
NOTE 3
B
A
14X
0.05 C
D
NOTE 4
GAUGE
PLANE
C
NOTE 7
H
L2
E
e
BA
NOTE 6
NOTE 8
A
NOTE 6
S
S
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
NCV47821/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Podobny numer części - NCV47821_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47821PAAJR2G ONSEMI-NCV47821PAAJR2G Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
More results

Podobny opis - NCV47821_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCV47821 ONSEMI-NCV47821 Datasheet
181Kb / 15P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 1
NCV47822 ONSEMI-NCV47822 Datasheet
155Kb / 14P
   Dual High Side Switch with Adjustable Current Limit and Diagnostic Features
May, 2016 ??Rev. 0
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
   Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
NCV47722 ONSEMI-NCV47722 Datasheet
256Kb / 12P
   High Side Switch with Adjustable Current Limit and Diagnostic Features
July, 2020 ??Rev. 1
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
   Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
logo
Texas Instruments
TPS2140 TI1-TPS2140_16 Datasheet
1Mb / 33P
[Old version datasheet]   ADJUSTABLE LDO AND SWITCH WITH DUAL CURRENT LIMIT FOR USB
logo
ON Semiconductor
NCV47823 ONSEMI-NCV47823 Datasheet
133Kb / 15P
   Dual High Side Switch with Adjustable Constant Current and Diagnostic Features
December, 2017 ??Rev. 0
NCV47411 ONSEMI-NCV47411 Datasheet
128Kb / 14P
   3.3 V to 20 V Adjustable Dual LDO with Adjustable Current Limit and 3.3 V
December, 2013 ??Rev. 1
NCV47711 ONSEMI-NCV47711_17 Datasheet
128Kb / 12P
   Adjustable LDO with Adjustable Current Limit and 3.3 V Logic Compatible Enable Input
July, 2017 ??Rev. 2
logo
Fairchild Semiconductor
FPF2310 FAIRCHILD-FPF2310_10 Datasheet
1Mb / 17P
   Dual-Output Adjustable Current Limit Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com