Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT2804 Arkusz danych(PDF) 4 Page - Active-Semi, Inc

Numer części ACT2804
Szczegółowy opis  5V/3.4A Dual Cell Battery Power Manager
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Arkusz danych(HTML) 4 Page - Active-Semi, Inc

  ACT2804_17 Datasheet HTML 1Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 2Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 3Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 4Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 5Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 6Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 7Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 8Page - Active-Semi, Inc ACT2804_17 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
26
AGND
Logic ground output. Connect this pin to the exposed PGND pad on same layer with IC.
27
PB
Push button input. When this pin is pushed for more than 40ms, LED1-4 indicators are enabled
for 5 seconds.
28
LED1
Battery level indicator.
29
LED2
Battery level indicator.
30
LED3
Battery level indicator.
31
LED4
Battery level indicator.
32
LEDLS1
LED1 threshold level shift. Connect a resistor from the pin to AGND to shift LED1 threshold.
33
LEDLS2
LED2 threshold level shift. Connect a resistor from the pin to AGND to shift LED2 threshold.
34
LEDLS3
LED3 threshold level shift. Connect a resistor from the pin to AGND to shift LED3 threshold.
35
LEDLS4
LED4 threshold level shift. Connect a resistor from the pin to AGND to shift LED4 threshold.
36
PT
LED indication mode input. The 5 modes of LED indication patterns are set by a voltage at this
pin. Connect a resistor at the pin to set the voltage and an LED indication pattern.
37
RIMC
RIMC Battery impedance compensation input.
38
HYST
The hysteresis window setting input. Connect a resistor at the pin to set the hysteresis windows
for LED1, 2, 3, 4.
39
DM
Output port auto detection input. Connected to portable device D-.
40
DP
Output port auto detection input. Connected to portable device D+.
41
PGND
Exposed pad. Must be soldered to ground plane layer(s) on the PCB for best electrical and
thermal conductivity.


Podobny numer części - ACT2804_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
More results

Podobny opis - ACT2804_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2804 ACTIVE-SEMI-ACT2804 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2804 ACTIVE-SEMI-ACT2804_16 Datasheet
1Mb / 20P
   5V/3.4A Dual Cell Backup Battery Power Manager
Rev 2, Feb-04-2016
ACT2803 ACTIVE-SEMI-ACT2803 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2803 ACTIVE-SEMI-ACT2803_16 Datasheet
523Kb / 22P
   5V/2.4A Dual Cell Battery Power Manager
Rev 1, May-12-2016
ACT2823 ACTIVE-SEMI-ACT2823 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
ACT2823 ACTIVE-SEMI-ACT2823_16 Datasheet
1Mb / 25P
   Dual Cell Li-Ion Battery Charger and Power Bank Manager
REV 1, 01-DEC-2016
logo
Intersil Corporation
ISL94212 INTERSIL-ISL94212 Datasheet
151Kb / 2P
   Multi-Cell Li-Ion Battery Manager
ISL78610 INTERSIL-ISL78610 Datasheet
1Mb / 98P
   Multi-Cell Li-Ion Battery Manager
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
Renesas Technology Corp
ISL78600 RENESAS-ISL78600 Datasheet
3Mb / 105P
   Multi-Cell Li-Ion Battery Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com