Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT2861QI Arkusz danych(PDF) 29 Page - Active-Semi, Inc

Numer części ACT2861QI
Szczegółowy opis  30V Buck-Boost Charger with Integrated MOSFETs and OTG
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2861QI Arkusz danych(HTML) 29 Page - Active-Semi, Inc

Back Button ACT2861QI Datasheet HTML 25Page - Active-Semi, Inc ACT2861QI Datasheet HTML 26Page - Active-Semi, Inc ACT2861QI Datasheet HTML 27Page - Active-Semi, Inc ACT2861QI Datasheet HTML 28Page - Active-Semi, Inc ACT2861QI Datasheet HTML 29Page - Active-Semi, Inc ACT2861QI Datasheet HTML 30Page - Active-Semi, Inc ACT2861QI Datasheet HTML 31Page - Active-Semi, Inc ACT2861QI Datasheet HTML 32Page - Active-Semi, Inc ACT2861QI Datasheet HTML 33Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
ACT2861QI
Rev 2.0, 27-Apr-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
29
BUCK-BOOST OPERATION
The ACT2861 is a monolithic buck-boost charger with
On-The-Go (OTG). As a result, it can operate in both
charge mode and OTG mode. In charge mode, the IC
converts power from VIN to VBAT to charge a 2S to 5S
battery. In OTG mode, it converts power from the bat-
tery to VIN to provide a regulated output voltage. Four
internal, low resistance, NMOS switches minimize the
application circuit size and reduce power losses to max-
imize efficiency. Internal high side gate drivers, which
require only two small external capacitors, further sim-
plify the design process. An advanced switch control al-
gorithm allows the buck-boost converter to maintain
charge or OTG output voltage regulation with input volt-
ages that are above, equal to, or below the regulated
output voltage. The ACT2861 automatically transitions
between these three operating modes, depending on
the input to output voltage ratios.
Power Stage
Figure 6 shows the 4-switch, buck-boost power stage.
The converter operates with current mode control. The
internal control algorithm reconfigures the IC between a
buck, a boost, and a buck-boost topology as needed.
This reduces power dissipation and maximizes effi-
ciency because only two FETs switch when in it oper-
ates in buck or boost mode. Table 2 shows the switch
configuration in each topology. Note that this table is
valid for Charge mode. In OTG mode, power flows in
the opposite direction, so the switching modes are re-
versed. The voltage transition between buck to buck-
boost and from buck-boost to boost modes is set by I2C
bits XOVER_ADJ_BUCK and XOVER_ADJ_BOOST.
With a fixed input voltage and an increasing battery volt-
age, the IC switches from buck mode to buck-boost
mode when VIN – VBAT < XOVER_AJD_BUCK, which
is typically 1V. It switches from buck-boost to boost
mode when VBAT – VIN > XOVER_ADJ_BOOST,
which is typically 2V. These values are set at the factory
to optimize efficiency and performance for each CMI.
The power stage is bi-directional and provides power in
both directions. When charging, power flows from VIN
to VBAT. In OTG mode, power flows from VBAT to VIN.
Q1-Q4 are all internal, N-ch MOSFETs to minimize size
and maximize efficiency.
VIN
Q1
Q2
Q3
Q4
VBAT
L
SW1
SW2
Figure 6: 4-Switch Buck-Boost Power Stage
Table 2: Buck-Boost Switch Configuration
CHARGE MODE
BUCK
BUCK-
BOOST
BOOST
Q1
SWITCHING
SWITCHING
ON
Q2
SWITCHING
SWITCHING
OFF
Q3
OFF
SWITCHING
SWITCHING
Q4
ON
SWITCHING
SWITCHING
Figure 7 shows the power stage operating modes. A
typical example of how the converter switches between
modes can be explained with an example using a 15V
input source to charge a 4S Li-Ion battery. When fully
discharged, the battery voltage is 12V. With VIN=15V
and VBAT=12V, the control loop operates in Buck mode
at point A. As the battery charges, the operating mode
maintains buck mode until it crosses the threshold be-
tween buck mode and buck-boost mode. When the bat-
teries are charged at 15V, the control loop operates at
point B in Buck-Boost mode. The 4S battery reaches
charge termination voltage at 17.4V. In this case, the
control loop operates at point C, which is still Buck-
Boost mode. If the input voltage dropped from 15V to
12V, the control loop will move to point D and operate
in Boost mode.


Podobny numer części - ACT2861QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
ACT2801 ACTIVE-SEMI-ACT2801 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
679Kb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 8, 01-Nov-16
ACT2801BQL-T1028 ACTIVE-SEMI-ACT2801BQL-T1028 Datasheet
2Mb / 25P
   5V/1.5A Backup Battery Pack Manager
Rev 9, 14-Mar-17
ACT2801CQL-T ACTIVE-SEMI-ACT2801CQL-T Datasheet
614Kb / 23P
   5V/1.5A Backup Battery Pack Manager
Rev 2, 15-Apr-14
More results

Podobny opis - ACT2861QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
logo
Intersil Corporation
ISL9238 INTERSIL-ISL9238 Datasheet
1Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
November 9, 2016
logo
Renesas Technology Corp
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
logo
Active-Semi, Inc
ACT510X ACTIVE-SEMI-ACT510X Datasheet
578Kb / 37P
   23V Buck-Boost Converter with Integrated MOSFETs
Rev 1.0, 24-Apr-2018
logo
Linear Technology
LTC3558 LINER-LTC3558 Datasheet
406Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
LTC3558 LINER-LTC3558_15 Datasheet
404Kb / 32P
   Linear USB Battery Charger with Buck and Buck-Boost Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com