Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT4921QI Arkusz danych(PDF) 8 Page - Active-Semi, Inc

Numer części ACT4921QI
Szczegółowy opis  Power Loss Protection with 6A eFuse
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4921QI Arkusz danych(HTML) 8 Page - Active-Semi, Inc

Back Button ACT4921QI Datasheet HTML 4Page - Active-Semi, Inc ACT4921QI Datasheet HTML 5Page - Active-Semi, Inc ACT4921QI Datasheet HTML 6Page - Active-Semi, Inc ACT4921QI Datasheet HTML 7Page - Active-Semi, Inc ACT4921QI Datasheet HTML 8Page - Active-Semi, Inc ACT4921QI Datasheet HTML 9Page - Active-Semi, Inc ACT4921QI Datasheet HTML 10Page - Active-Semi, Inc ACT4921QI Datasheet HTML 11Page - Active-Semi, Inc ACT4921QI Datasheet HTML 12Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
ACT4921QI
Rev 1.0, 18-Jan-2018
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi
Copyright © 2018 Active-Semi, Inc.
8
SYSTEM CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Supply
Input Supply Voltage Range
VIN
2.6
7
V
Input Supply Over Voltage Lock Out
(OVLO)
6
V
Input Under Voltage Lock Out (UVLO)
VIN Rising (Boost/eFuse Enabled)
2.55
2.6
V
Input UVLO Hysteresis
VIN Falling
50
mV
Input Operation Current
eFuse Enabled and Soft start completed
Buck/Storage Regulator Disabled
Storage Health Check Disabled
3
mA
eFuse Enabled and Soft start completed
Buck/Storage Regulator Disabled
Storage Health Check Disabled
5.5
mA
Input Current (Shutdown)
VEN = 0V
20
µA
Input Under Voltage Lock Out (UVLO)
VIN Rising (Boost/eFuse Enabled)
2.55
2.6
V
Input Current (Shutdown)
VEN=0V
20
µA
Thermal
Thermal Warning
Sets nIRQ
120
°C
Thermal Shutdown – Disables buck and
boost
145
°C
Thermal Shutdown – Disables eFuse
155
°C
Thermal Comparators Hysteresis
10
°C
SET Thresholds
BSET Reference
Normal operation range, otherwise uses default Boost
output regulation setting
0.32
1.2
V
BSET Current Source
BSET = 1.0V (25°C)
19.6
20
20.4
µA
BSET Current Source Temperature
Coefficient
BSET = 1.0V (25°C – 125°C)
0.0145
%/°C
STR Thresholds
Input Under Voltage Lock Out
(STR_UVLO)
STR Falling
2.7
2.78
V
Input Under Voltage Lock Out
(STR_UVLO)
STR Rising
3.08
V
Open Drain Outputs
Open Drain Resistance (nIRQ, PLI,
PG_VO, PG_STR, SDA)
Sinking Current 500µA
100
VINS Thresholds
Under Voltage Reference
(VINS_UV_REF)
UV REF after POR release
0.64
V


Podobny numer części - ACT4921QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW121-T ACTIVE-SEMI-ACT4910QW121-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW122-T ACTIVE-SEMI-ACT4910QW122-T Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4911QW301-T ACTIVE-SEMI-ACT4911QW301-T Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
More results

Podobny opis - ACT4921QI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT4911QW ACTIVE-SEMI-ACT4911QW Datasheet
3Mb / 33P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
ACT4910QW ACTIVE-SEMI-ACT4910QW Datasheet
3Mb / 34P
   Power Loss Protection with 6A eFuse
Rev 1.0, 15-Sept-2017
logo
Texas Instruments
TPS25942A TI1-TPS25942A Datasheet
3Mb / 54P
[Old version datasheet]   5A eFuse Power MUX with Multiple Protection Modes
logo
Analog Devices
MAX17527A AD-MAX17527A Datasheet
1Mb / 32P
   5.5V to 60V, 6A Power Limiter with OV, UV, Reverse Polarity, Loss of Ground Protection
Rev 0; 11/22
logo
Littelfuse
LS2406ERQ23 LITTELFUSE-LS2406ERQ23 Datasheet
1Mb / 14P
   28V, 6A eFuse with True Reverse Blocking and Fast Role Swap
GD. 09/26/22
LS24062RQ23 LITTELFUSE-LS24062RQ23 Datasheet
1Mb / 16P
   28V 6A Bidirectional eFuse with Dual Port Independent Current Limit Setting
2022 Littelfuse, Inc.
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
[Old version datasheet]   18-V eFuse with Integrated Short-to-Battery Protection
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS2663 TI1-TPS2663_19 Datasheet
4Mb / 52P
[Old version datasheet]   60-V, 6-A Power limiting, surge protection industrial eFuse
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com