Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACT8870QJ-T Arkusz danych(PDF) 35 Page - Active-Semi, Inc

Numer części ACT8870QJ-T
Szczegółowy opis  Advanced PMU for Microcontrollers and Solid State Drive Applications
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACTIVE-SEMI [Active-Semi, Inc]
Strona internetowa  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT8870QJ-T Arkusz danych(HTML) 35 Page - Active-Semi, Inc

Back Button ACT8870QJ-T Datasheet HTML 31Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 32Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 33Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 34Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 35Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 36Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 37Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 38Page - Active-Semi, Inc ACT8870QJ-T Datasheet HTML 39Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
ACT8870QJ-T
Rev 3.0, 02-Oct-2017
Innovative PowerTM
www.active-semi.com
ActiveSwitcherTM is a trademark of Active-Semi.
Copyright © 2016-2017 Active-Semi, Inc.
I2CTM is a trademark of NXP
35
SLEEP Mode
SLEEP Mode is not available in CMI 101. Connect PWREN to AGND
DVS Mode
DVS mode does not require changing I2C bit DVS_EN. The IC can enter DVS mode regardless of the DVS_EN setting.
Drive EXT_PG to a logic L for normal operation. Drive EXT_PG to a logic H for DVS mode. Note that Buck3/4 cannot
enter DVS mode with this CMI code. Their VSET1 setting is not used.
POK Thresholds
POK_UV = 2.8V
POK_OV = 5.5V
PG
The PG pin is asserted high when Buck4 is in regulation.
I2C Address
The CMI 101 7-bit I2C address is 0x5Ah. This results in 0xB4h for a write address and 0xB5h for a read address.
Device ID
The CMI 101 Device ID (register 0x7Dh) = 0x2Fh


Podobny numer części - ACT8870QJ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT8870QJ101-T ACTIVE-SEMI-ACT8870QJ101-T Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
More results

Podobny opis - ACT8870QJ-T

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Active-Semi, Inc
ACT88430QJ-T ACTIVE-SEMI-ACT88430QJ-T Datasheet
1Mb / 42P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
Rev 1.0, 24-Oct-2018
ACT8870 ACTIVE-SEMI-ACT8870 Datasheet
3Mb / 38P
   Advanced PMU for Microcontrollers and Solid State Drive Applications
REV 0 23-DEC-2016
logo
Texas Instruments
TPS65835 TI1-TPS65835_16 Datasheet
2Mb / 67P
[Old version datasheet]   Advanced PMU
logo
Active-Semi, Inc
ACT8933 ACTIVE-SEMI-ACT8933 Datasheet
102Kb / 2P
   Advanced PMU for CoreLogic LUCY
04-Nov-10
ACT8896 ACTIVE-SEMI-ACT8896 Datasheet
88Kb / 2P
   Advanced PMU for Samsung S3C6410
29-Nov-10
ACT8933 ACTIVE-SEMI-ACT8933_14 Datasheet
723Kb / 44P
   Advanced PMU for CoreLogic LUCY
Rev 3, 15-Nov-12
ACT8935 ACTIVE-SEMI-ACT8935_10 Datasheet
98Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
05-Nov-10
ACT8935 ACTIVE-SEMI-ACT8935_14 Datasheet
710Kb / 46P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
Rev 4, 17-Sep-13
ACT8895 ACTIVE-SEMI-ACT8895 Datasheet
114Kb / 2P
   Advanced PMU for SiRF Prima and Atlas IV
29-Nov-10
ACT8895 ACTIVE-SEMI-ACT8895_14 Datasheet
119Kb / 3P
   Advanced PMU for SiRF PrimaTM and Atlas IVTM
16-Aug-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com