Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL3GQM67HDS-3610ME Arkusz danych(PDF) 2 Page - ADL Embedded Solutions

Numer części ADL3GQM67HDS-3610ME
Szczegółowy opis  PCI Express 3.5-inch SBC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADL [ADL Embedded Solutions]
Strona internetowa  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADL3GQM67HDS-3610ME Arkusz danych(HTML) 2 Page - ADL Embedded Solutions

  ADL3GQM67HDS-3610ME Datasheet HTML 1Page - ADL Embedded Solutions ADL3GQM67HDS-3610ME Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCI Express 3.5-inch SBC
Data subject to change without notice
.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Technical Specifications - ADLQM67HDS
FEATURE
FUNCTION
REMARKS
OPTIONS
CPU
CPU Class
Intel Core i3/i5/i7, Celeron
Celeron B810, i3-2310E, i5-2510E, i7-2710QE
CPU Option / Performance (GHz) / L3 Cache
B810/1.6/3, 2330E/2.2/3, 2510E/2.5/3, 2710/2.1/6
See ordering guide on page 1
Max. No. of Cores
4
B810-2C2T, 2330E-2C4T, 2510E-2C4T, 2710QE-4C8T
See ordering guide on page 1
Soldered (or Socket Name)
rPGA988B
Chipset
North Bridge (GMCH)
Intel QM67 PCH
South Bridge (ICH)
Intel QM67 PCH
Super IO1
SMSC SCH3114
Hardware monitoring
Memory
Type
SODIMM204-1,5V / DDR3
DDR3 1066/1333 MHz
Size max (MB)
16GB
8GB x 2 (Dual Channel)
Graphic
Controller
CPU integrated
Memory max. up to 512MB DVMT
CRT
Yes
2048 x 1536 max. res.
CRT or DVI-I is cabling option
DVI / HDMI / DisplayPort
DVI x2 /HDMI
Max res all digital video - 1920 x 1200
HDMI or DVI-D is cabling option
LCD LVDS 18/24/36/48
--
--
--
BIOS
Power Management APM/ACPI
APM/ACPI
Power States : S0/S1/S4/S5
Hardware Monitoring
ADL-SST API
BIOS Setup
Audio
Controller and Codec
Intel QM67 / Realtek ALC889 (HDA)
2/6/8 channel support
LAN
LAN1 Controller
Intel QM67 / 579 Phy
10/100/1000 Mbit, RPL/PXE/WOL support
Jumbo Framing supported
LAN2 Controller
Intel 82574L
10/100/1000 Mbit, RPL/PXE/WOL support
Jumbo Framing supported
Buses
PCIe x1 / x4
Configurable one x4 or four x1
Custom 2 x 40-pin header
Specials/Options
mini-PCI socket (mPCI)
SATA Interfaces
SATA Channels
4
2x SATA 3G, 2x SATA 6G
RAID 0/1/5/10
USB Interfaces
USB-Channels
10
USB 1.1/2.0/Host - x4 onboard connectors, x6 cable
headers
Boot options: HD/FDD/CDROM/FD/ZIP
Interfaces
COM1/2/3/4: TTL/RS232/RS485/RS422
RS232
1x onboard D-sub, 3x cable header
PS/2 Keyboard/Mouse
Yes
Watchdog
Yes
Specials/Options
8-Bit GPIO
Discrete port
Power Supply
Supply Voltage
5V, 12V, 5VSUS
Power Consumption (typical*)
TBD
Contact your Sales Engineer for more information on
“typical” configuration
Cooling
passive / active
Operating Temperature (ambient)
-25 to +70° C
ADL Embedded Solutions thermal solution recommended
Extended Temperature
TBD -40 to +85º C
Requires ADL-ET and Approved Thermal solution
Storage Temp.
-40 to +85° C
Dimensions
102mm x 147mm (4” x 5.8”)


Podobny numer części - ADL3GQM67HDS-3610ME

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
ADL3225V TDK-ADL3225V Datasheet
177Kb / 9P
   Inductors for decoupling circuits
logo
ADL Embedded Solutions
ADL35-BBHS ADL-ADL35-BBHS Datasheet
907Kb / 2P
   Intel 3800 Series SoC Processors
ADL35-BBHS ADL-ADL35-BBHS Datasheet
681Kb / 2P
   Intel 3800 Series Industrial IoT-Ready SoC Processors
ADL35-BBHS ADL-ADL35-BBHS Datasheet
663Kb / 2P
   Hardware Monitoring
ADL35-BBHS ADL-ADL35-BBHS Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
More results

Podobny opis - ADL3GQM67HDS-3610ME

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADLQM67HDS ADL-ADLQM67HDS_15 Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
logo
VIA Technologies, Inc.
VB9001 VIA-VB9001 Datasheet
456Kb / 2P
   3.5 SBC Series
VAB-630 VIA-VAB-630 Datasheet
518Kb / 2P
   3.5' SBC Series
logo
Molex Electronics Ltd.
87715-3002 MOLEX-87715-3002 Datasheet
557Kb / 2P
   PCI Express
logo
Adam Technologies, Inc.
PCIE981 ADAM-TECH-PCIE981 Datasheet
162Kb / 1P
   PCI & MINI PCI EXPRESS
logo
List of Unclassifed Man...
IB887 ETC2-IB887 Datasheet
1Mb / 1P
   3.5" Disk-Size SBC
logo
PLX Technology
PEX8111 PLX-PEX8111 Datasheet
122Kb / 2P
   PCI Express to PCI Bridge
logo
List of Unclassifed Man...
PEX8111 ETC1-PEX8111 Datasheet
231Kb / 2P
   PCI Express to PCI Bridge
logo
Pericom Semiconductor C...
PI6C557-03 PERICOM-PI6C557-03 Datasheet
468Kb / 8P
   PCI Express Clock
logo
List of Unclassifed Man...
IB897 ETC1-IB897 Datasheet
355Kb / 1P
   Intel짰 Atom??Processor E3800 Series 3.5-inch Disk-Size SBC
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com