Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADLD25PC-PASSIVELP Arkusz danych(PDF) 4 Page - ADL Embedded Solutions

Numer części ADLD25PC-PASSIVELP
Szczegółowy opis  D525 Dual Core, 1.80GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADL [ADL Embedded Solutions]
Strona internetowa  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLD25PC-PASSIVELP Arkusz danych(HTML) 4 Page - ADL Embedded Solutions

  ADLD25PC-PASSIVELP Datasheet HTML 1Page - ADL Embedded Solutions ADLD25PC-PASSIVELP Datasheet HTML 2Page - ADL Embedded Solutions ADLD25PC-PASSIVELP Datasheet HTML 3Page - ADL Embedded Solutions ADLD25PC-PASSIVELP Datasheet HTML 4Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ADLD25PC PCI/104 Express
Intel® Atom™ D525 Dual Core, 1.80GHz
ADL Corporate: 4411 Morena Blvd. Suite 101 | San Diego, CA 92117-4345
T: 855.727.4200
F: 858.490.0599
sales@adl-usa.com
www.adl-usa.com
ADL Germany: Eiserfelder Straße 316 | D-57080 Siegen, Germany
T: +49 (0) 271.250.810.0
F: +49 (0) 271.250.810.20
sales@adl-europe.com
www.adl-europe.com
ITEM CODE
PART #
DESCRIPTION
PCI/104 Express Board
ADLD25PC-525
292500
Intel Atom Dual Core CPU D525, 1.80GHz
Memory
DDR3-DRAM2048-1333
997506
DDR3-1333MHz 2GB Standard Temperature
DDR3-DRAM4096-1333
997507
DDR3-1333MHz 4GB Standard Temperature
DDR3-DRAM-2048-1333-EX
997516
DDR3-1333MHz 2GB Extended Temperature
DDR3-DRAM-4096-1333-EX
997517
DDR3-1333MHz 4GB Extended Temperature
Other speeds available - contact Sales for information
Options and Accessories
ADLD25PC-mPCIe
292530
Mini-PCIe option
ADL-ET
290000
Extended Temp Screen (-40º to +85º C)
ADLD25PC-CK
292520
Standard Cable kit for ADLD25PC
STANDOFF-MSS
293406
.6” (15.24mm), PC/104 M3, Precision Milled Stand-Offs
STANDOFF-1”M3
293436
1” (25.4mm), PC/104 M3, Precision Milled Stand-Offs
Thermal Solutions
ADLD25PC-SP0600*
292513
0.600” Heat Spreader for ADLD25PC
ADLD25PC-SP1000*
292514
1.000” Heat Spreader for ADLD25PC
ADLD25PC-PASSIVELP
292512
Passive LP for ADLD25PC
*Stand-Off p/n’s 293406 or 293436 are recommended for use with the above thermal solutions
(qty of 4 each)
*Data subject to change without notice.
ORDERING INFORMATION


Podobny numer części - ADLD25PC-PASSIVELP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADLD25PC-525 ADL-ADLD25PC-525 Datasheet
236Kb / 3P
   Intel Atom D525 Dual Core, 1.80GHz
More results

Podobny opis - ADLD25PC-PASSIVELP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADLD25PC ADL-ADLD25PC Datasheet
236Kb / 3P
   Intel Atom D525 Dual Core, 1.80GHz
logo
Protech Systems Co., Lt...
BPC-8960 PROTECHSYSTEMS-BPC-8960 Datasheet
327Kb / 2P
   Slim Dual Core Atom D525 Book Size PC
logo
Advantech Co., Ltd.
MIC-3325 ADVANTECH-MIC-3325_15 Datasheet
786Kb / 2P
   3U CompactPCI짰 Intel짰 AtomTM Dual Core D525/N455 Processor Blade
logo
List of Unclassifed Man...
LEC-2110P ETC2-LEC-2110P Datasheet
249Kb / 2P
   Fanless Industrial PC w/ Dual Core Intel Atom D525 1.8GHz CPU
FW-7540 ETC2-FW-7540 Datasheet
236Kb / 2P
   Desktop / Half-rack Network Appliance with Intel Atom D425 or Dual Core D525
logo
Advantech Co., Ltd.
TPC-1771H-D3AE ADVANTECH-TPC-1771H-D3AE Datasheet
777Kb / 2P
   17" SXGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-1071H-D3AE ADVANTECH-TPC-1071H-D3AE Datasheet
637Kb / 2P
   10.4" SVGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
TPC-1571H-D3AE ADVANTECH-TPC-1571H-D3AE Datasheet
721Kb / 2P
   15" XGA TFT LED LCD Intel짰 Atom??Dual-Core D525 Touch Panel Computer
logo
List of Unclassifed Man...
FW-7568 ETC2-FW-7568 Datasheet
196Kb / 2P
   Rackmount 1U Firewall Appliance with Low Power Consumption and Dual Core Intel Atom Processor D525
logo
Advantech Co., Ltd.
ARK-6320 ADVANTECH-ARK-6320_14 Datasheet
825Kb / 2P
   Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com