Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP2234S Arkusz danych(PDF) 1 Page - Monolithic Power Systems

Numer części MP2234S
Szczegółowy opis  High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MPS [Monolithic Power Systems]
Strona internetowa  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2234S Arkusz danych(HTML) 1 Page - Monolithic Power Systems

  MP2234S Datasheet HTML 1Page - Monolithic Power Systems MP2234S Datasheet HTML 2Page - Monolithic Power Systems MP2234S Datasheet HTML 3Page - Monolithic Power Systems MP2234S Datasheet HTML 4Page - Monolithic Power Systems MP2234S Datasheet HTML 5Page - Monolithic Power Systems MP2234S Datasheet HTML 6Page - Monolithic Power Systems MP2234S Datasheet HTML 7Page - Monolithic Power Systems MP2234S Datasheet HTML 8Page - Monolithic Power Systems MP2234S Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP2234S
High-Efficiency, 2A, 16V, 800kHz
Synchronous, Step-Down Converter
MP2234S Rev.1.0
www.MonolithicPower.com
1
4/3/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The
MP2234S
is
a
high-frequency,
synchronous, rectified, step-down, switch-mode
converter with built-in power MOSFETs. It
offers a compact solution to achieve a 2A
continuous output current with excellent load
and line regulation over a wide input-supply
range. The MP2234S has synchronous mode
operation for higher efficiency over the output
current load range.
Current-mode operation provides fast transient
response and eases loop stabilization.
Full protection features include over-current
protection (OCP) and thermal shut down (TSD).
The MP2234S requires a minimal number of
readily-available standard external components,
and is available in a space-saving 8-pin
TSOT23 package.
FEATURES
• Wide 4.5V-to-16V Operating Input Range
• 140mΩ/60mΩ Low RDS(ON) Internal Power
MOSFETs
• High-Efficiency Synchronous Mode
Operation
• Fixed 800kHz Switching Frequency
• Synchronizes from a 300kHz-to-2MHz
External Clock
• Power-Save Mode at Light Load
• External Soft-Start
• Over Current Protection and Hiccup
• Thermal Shutdown
• Output Adjustable from 0.804V
• Available in a 8-pin TSOT-23 Package
APPLICATIONS
• Notebook Systems and I/O Power
• Digital Set-Top Boxes
• Flat-Panel Television and Monitors
• Distributed Power Systems
All MPS parts are lead-free, halogen free, and adhere to the
RoHS directive. For MPS green status, please visit MPS website
under Quality Assurance. “MPS” and “The Future of Analog IC
Technology” are Registered Trademarks of Monolithic Power
Systems, Inc.
TYPICAL APPLICATION
C3
µF
R1
40.2k
R2
13k
L1
4.7µH
C2
47µF
C4
0.1µF
C1
22µF
3.3V/2A
R5
5.6k
R3
20
MP2234S
C5
22nF
0.1
12V


Podobny numer części - MP2234S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234GJ MPS-MP2234GJ Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
More results

Podobny opis - MP2234S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Monolithic Power System...
MP2228 MPS-MP2228 Datasheet
562Kb / 16P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2234 MPS-MP2234 Datasheet
1Mb / 21P
   High-Efficiency, 2A, 16V, 800kHz Synchronous, Step-Down Converter
MP2235 MPS-MP2235 Datasheet
1Mb / 21P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP1494 MPS-MP1494 Datasheet
402Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496S MPS-MP1496S Datasheet
584Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1496 MPS-MP1496 Datasheet
585Kb / 15P
   High-Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP1470B MPS-MP1470B Datasheet
418Kb / 18P
   High Efficiency, 2A, 16V, 500kHz Synchronous, Step-Down Converter
MP1494S MPS-MP1494S Datasheet
1Mb / 17P
   High Efficiency 2A, 16V, 500kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com