Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFH310FA Arkusz danych(PDF) 7 Page - OSRAM GmbH

Numer części SFH310FA
Szczegółowy opis  Silicon NPN Phototransistor Version 1.3
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH310FA Arkusz danych(HTML) 7 Page - OSRAM GmbH

Back Button SFH310FA Datasheet HTML 2Page - OSRAM GmbH SFH310FA Datasheet HTML 3Page - OSRAM GmbH SFH310FA Datasheet HTML 4Page - OSRAM GmbH SFH310FA Datasheet HTML 5Page - OSRAM GmbH SFH310FA Datasheet HTML 6Page - OSRAM GmbH SFH310FA Datasheet HTML 7Page - OSRAM GmbH SFH310FA Datasheet HTML 8Page - OSRAM GmbH SFH310FA Datasheet HTML 9Page - OSRAM GmbH SFH310FA Datasheet HTML 10Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Version 1.3
SFH 310 FA
2016-01-04
7
Recommended Solder Pad
Dimensions in mm.
Note:
pad 1: emitter
TTW Soldering
IEC-61760-1 TTW
0
0
s
OHA04645
50
100
150
200
250
300
t
T
˚C
235 ˚C - 260 ˚C
First wave
20
40
60
80
100
120
140
160
180
200
220
240
Second wave
10 s max., max. contact time 5 s per wave
Preheating
T
100 ˚C
120 ˚C
130 ˚C
Typical
Cooling
ca. 3.5 K/s typical
ca. 2 K/s
ca. 5 K/s
Continuous line: typical process
Dotted line: process limits
< 150 K


Podobny numer części - SFH310FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Siemens Semiconductor G...
SFH310FA SIEMENS-SFH310FA Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH310FA-2 SIEMENS-SFH310FA-2 Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
SFH310FA-3 SIEMENS-SFH310FA-3 Datasheet
124Kb / 5P
   Neu: NPN-Silizium-Fototransistor New: Silicon NPN Phototransistor
More results

Podobny opis - SFH310FA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
LPT80A OSRAM-LPT80A Datasheet
204Kb / 9P
   Silicon NPN Phototransistor Version 1.3
BPX-43 OSRAM-BPX-43 Datasheet
574Kb / 10P
   Silicon NPN Phototransistor Version 1.3
SFH314 OSRAM-SFH314 Datasheet
388Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-38 OSRAM-BPX-38 Datasheet
389Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPY-62 OSRAM-BPY-62 Datasheet
518Kb / 10P
   Silicon NPN Phototransistor Version 1.3
BPX-85 OSRAM-BPX-85 Datasheet
331Kb / 11P
   Silicon NPN Phototransistor Arrays Version 1.3
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH3716 OSRAM-SFH3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH325FA OSRAM-SFH325FA Datasheet
396Kb / 14P
   Silicon NPN Phototransistor in SMT SIDELED짰-Package Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com