Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SFH3716 Arkusz danych(PDF) 1 Page - OSRAM GmbH

Numer części SFH3716
Szczegółowy opis  Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OSRAM [OSRAM GmbH]
Strona internetowa  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH3716 Arkusz danych(HTML) 1 Page - OSRAM GmbH

  SFH3716 Datasheet HTML 1Page - OSRAM GmbH SFH3716 Datasheet HTML 2Page - OSRAM GmbH SFH3716 Datasheet HTML 3Page - OSRAM GmbH SFH3716 Datasheet HTML 4Page - OSRAM GmbH SFH3716 Datasheet HTML 5Page - OSRAM GmbH SFH3716 Datasheet HTML 6Page - OSRAM GmbH SFH3716 Datasheet HTML 7Page - OSRAM GmbH SFH3716 Datasheet HTML 8Page - OSRAM GmbH SFH3716 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2016-02-29
1
2016-02-29
Silicon NPN Phototransistor with V
λ Characteristics
Version 1.3
SFH 3716
Ordering Information
Features:
Spectral range of sensitivity:
(typ) 350 ... 950 nm
Special: Adapted to human eye sensitivity (V
λ)
Very small SMT package
SMT package 0805, colorless clear resin, 2 mm x 1.25 mm x 0.8 mm
Applications
For control and drive circuits
Ambient light detector
Exposure meter for daylight and artificial light
Sensor for backlight-dimming
Type:
Photocurrent
Ordering Code
I
PCE [µA]
VCE = 5 V, white LED 100 lx
SFH 3716
35 ... 64
Q65111A9149


Podobny numer części - SFH3716

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ams AG
SFH3716 AMSCO-SFH3716 Datasheet
861Kb / 16P
   Chip LED Silicon NPN Phototransistor with Vλ Characteristics
Version 1.6 2021-10-01
More results

Podobny opis - SFH3716

ProducentNumer częściArkusz danychSzczegółowy opis
logo
OSRAM GmbH
SFH3410R OSRAM-SFH3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics Version 1.3
SFH-3711 OSRAM-SFH-3711 Datasheet
450Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3310 OSRAM-SFH3310 Datasheet
208Kb / 6P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410 OSRAM-SFH-3410 Datasheet
603Kb / 13P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3710 OSRAM-SFH-3710 Datasheet
382Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3716 OSRAM-SFH-3716 Datasheet
374Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3310 OSRAM-SFH-3310 Datasheet
394Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH-3410R OSRAM-SFH-3410R Datasheet
598Kb / 12P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH3711 OSRAM-SFH3711 Datasheet
268Kb / 9P
   Silicon NPN Phototransistor with V貫 Characteristics
SFH314FA OSRAM-SFH314FA Datasheet
219Kb / 10P
   Silicon NPN Phototransistor Version 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com