Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZFLM-43-5W Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części ZFLM-43-5W
Szczegółowy opis  Limiter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ZFLM-43-5W Arkusz danych(HTML) 1 Page - Mini-Circuits

  ZFLM-43-5W Datasheet HTML 1Page - Mini-Circuits ZFLM-43-5W Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 1 of 2
50
Ω Broadband 20 to 4000 MHz
Limiter
Coaxial
ZFLM-43-5W+
CASE STYLE: H16
The Big Deal
• Wideband, 20 to 4000 MHz
• Wide limiting range, +10 to +37 dBm
• Low output power leakage, +12 dBm
• Fast recovery time, 33ns typ.
Product Overview
Mini-Circuits’ ZFLM-43-5W+ is a coaxial RF limiter ideal for protecting sensitive receiver circuitry from
high-power signals, while allowing low-scattered signals to be received. Providing input limiting range
from +10 to +37 dBm and +12 dBm output power, this model is suitable for many situations where un-
wanted signals prevail such as manufacturing sites, train tunnels, radar transceivers and more. The unit
comes housed in a rugged, aluminum alloy case (1.25” x 1.25 x 0.75”) with SMA connectors.
Key Features
Feature
Advantages
Wideband, from 20 to 4000 MHz
Ideal for a variety of applications requiring protection of sensitive receiver circuitry from
unwanted signals, ESD and power surges on the network.
Wide limiting range from
+10 to +37 dBm
Prevents a wide range of high input signal levels from passing through the network and
damaging sensitive electronic components.
Low
∆output / 1 dB Δ∆ input
• 0.3 dB, +10 to +20 dBm input range
• 0.1 dB, +20 to +37 dBm input range
Low delta output per 1 dB delta input maintains signal stability in the presence of volatile
input signal conditions.
Rapid recovery, 33ns
Minimal downtime after unwanted signals are removed with very quick restoration of
standard operating levels.
Low insertion loss, 0.36 dB
Preserves the strength of low-power signals in the receive path.
Low-output power, +12 dBm
Low output power prevents saturation of receiver circuitry and provides extra protection
for sensitive components.


Podobny numer części - ZFLM-43-5W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ZFLM-252-1WL MINI-ZFLM-252-1WL Datasheet
210Kb / 1P
   Limiter
ZFLM-252-1WL++ MINI-ZFLM-252-1WL+ Datasheet
210Kb / 1P
   Limiter
ZFLM-252-1WL-S++ MINI-ZFLM-252-1WL-S+ Datasheet
210Kb / 1P
   Limiter
More results

Podobny opis - ZFLM-43-5W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
RLM-521-2WL MINI-RLM-521-2WL Datasheet
335Kb / 2P
   Limiter
CLM-83-2W MINI-CLM-83-2W Datasheet
207Kb / 4P
   Limiter
VLM-83-2W-S MINI-VLM-83-2W-S Datasheet
382Kb / 2P
   Limiter
logo
DAICO Industries, Inc.
CLM06149 DAICO-CLM06149 Datasheet
22Kb / 1P
   Limiter
logo
Mini-Circuits
RLM-33H MINI-RLM-33H Datasheet
346Kb / 3P
   Limiter
RLM-33 MINI-RLM-33 Datasheet
357Kb / 3P
   Limiter
RLM-33-2W MINI-RLM-33-2W Datasheet
331Kb / 2P
   Limiter
VLM-33 MINI-VLM-33 Datasheet
229Kb / 1P
   Limiter
RLM-512-4WL MINI-RLM-512-4WL Datasheet
348Kb / 3P
   Limiter
ZFLM-252-1WL MINI-ZFLM-252-1WL Datasheet
210Kb / 1P
   Limiter
VLM-33W-2W MINI-VLM-33W-2W Datasheet
228Kb / 2P
   Limiter
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com