Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2600CR Arkusz danych(PDF) 6 Page - International Rectifier

Numer części ST2600CR
Szczegółowy opis  Double side cooling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST2600CR Arkusz danych(HTML) 6 Page - International Rectifier

  ST2600CR Datasheet HTML 1Page - International Rectifier ST2600CR Datasheet HTML 2Page - International Rectifier ST2600CR Datasheet HTML 3Page - International Rectifier ST2600CR Datasheet HTML 4Page - International Rectifier ST2600CR Datasheet HTML 5Page - International Rectifier ST2600CR Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
ST2600C..R Series
6
www.irf.com
Bulletin I25199 rev. B 02/00
Fig. 7 - Stored Charged
Fig. 10 - Thermal Impedance Z
thJ-hs Characteristics
Fig. 11 - Gate Characteristics
Rate Of Decay Of On-state Current - di/dt (A/µs)
Square Wave Pulse Duration (s)
Instantaneous Gate Current (A)
1000
10000
1
10
100
T = 125˚C
J
ST2600C..R Series
Q
max.
Q
min.
rr
rr
Qrr
IT
dI
I
(REC)
RM
t
dt
T
t = 3ms
p
0.0001
0.001
0.01
0.1
0.001
0.01
0.1
1
10
100
Steady State Value
R
= 0.019 K/W
(Single Side Cooled)
R
= 0.0095 K/W
(Double Side Cooled)
(DC Operation)
thJ-C
thJ-C
ST2600C..R Series
0.1
1
10
100
0.001
0.01
0.1
1
10
VGD
IGD
(1)
(2)
Frequency Limited by PG(AV)
(1) PGM = 2W
(2) PGM = 4W
(3) PGM = 8W
(4) PGM = 20W
(5) PGM = 50W
(6) PGM =100W
Device: ST2600C..R Series
(3)
(4)
(5)
(6)


Podobny numer części - ST2600CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST2600C IRF-ST2600C Datasheet
156Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results

Podobny opis - ST2600CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST3230CR IRF-ST3230CR Datasheet
84Kb / 6P
   Double side cooling
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
logo
Infineon Technologies A...
FF400R07A01E3_S6 INFINEON-FF400R07A01E3_S6 Datasheet
734Kb / 13P
   Double Side Cooled Module
V3.4, 2020-04-15
logo
STMicroelectronics
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
   Double channel high-side driver
September 2013 Rev 2
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com