Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST3230CR Arkusz danych(PDF) 4 Page - International Rectifier

Numer części ST3230CR
Szczegółowy opis  Double side cooling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST3230CR Arkusz danych(HTML) 4 Page - International Rectifier

  ST3230CR Datasheet HTML 1Page - International Rectifier ST3230CR Datasheet HTML 2Page - International Rectifier ST3230CR Datasheet HTML 3Page - International Rectifier ST3230CR Datasheet HTML 4Page - International Rectifier ST3230CR Datasheet HTML 5Page - International Rectifier ST3230CR Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ST3230C..R Series
4
Bulletin I25200 rev. B 04/00
www.irf.com
Ordering Information Table
Device Code
5
1
2
3
4
ST 323
0
C
18
R
1
7
6
8
1
-
Thyristor
2
-
Essential part number
3
-
0 = Converter grade
4
-
C = Ceramic Puk
5
-
Voltage code: Code x 100 = V
RRM
(See Voltage Rating Table)
6
-
R = Puk Case
7
-
0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads)
1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads)
2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads)
3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads)
8
-
Critical dv/dt: None = 500V/µsec (Standard selection)
L
= 1000V/µsec (Special selection)
Outline Table
(R-PUK)
All dimensions in millimeters (inches)
112.5 (4.4) DIA. MAX.
73.2 (2.9) DIA. MAX.
TWO PLACES
GATE
1.5 (0.06) DIA.
ANODE
3.7 (0.15) DIA. NOM. X
2.1 (0.1) DEEP MIN.
BOTH ENDS
CATHODE
HOLE 1.5 (0.06)
DIA. MAX.
4.76 (0.2)
20° ± 5°
6 .3
(0.
24
)
Quote between upper and lower
pole pieces has to be considered
after application of Mounting Force
(see Thermal and Mechanical
Specification)


Podobny numer części - ST3230CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST3230C IRF-ST3230C Datasheet
157Kb / 6P
   PHASE CONTROL THYRISTORS Hockey Puk Version
More results

Podobny opis - ST3230CR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST2600CR IRF-ST2600CR Datasheet
76Kb / 6P
   Double side cooling
ST2100CR IRF-ST2100CR Datasheet
76Kb / 6P
   Double side cooling
logo
Infineon Technologies A...
FF400R07A01E3_S6 INFINEON-FF400R07A01E3_S6 Datasheet
734Kb / 13P
   Double Side Cooled Module
V3.4, 2020-04-15
logo
STMicroelectronics
VND830MSP STMICROELECTRONICS-VND830MSP Datasheet
265Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830SP STMICROELECTRONICS-VND830SP Datasheet
266Kb / 18P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810-E STMICROELECTRONICS-VND810-E Datasheet
202Kb / 20P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND810MSP STMICROELECTRONICS-VND810MSP Datasheet
197Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND600PEP-E STMICROELECTRONICS-VND600PEP-E Datasheet
232Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
VND830E-E STMICROELECTRONICS-VND830E-E Datasheet
352Kb / 26P
   Double channel high-side driver
September 2013 Rev 2
VND810 STMICROELECTRONICS-VND810 Datasheet
254Kb / 19P
   DOUBLE CHANNEL HIGH SIDE DRIVER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com