Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADLPS35-150-104MT Arkusz danych(PDF) 1 Page - ADL Embedded Solutions

Numer części ADLPS35-150-104MT
Szczegółowy opis  Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADL [ADL Embedded Solutions]
Strona internetowa  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLPS35-150-104MT Arkusz danych(HTML) 1 Page - ADL Embedded Solutions

  ADLPS35-150-104MT Datasheet HTML 1Page - ADL Embedded Solutions ADLPS35-150-104MT Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Power Supplies
Data subject to change without notice.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions, Inc. 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
ADLPS35-150, 150W 2”x4” ATX Power Supply
Features
 Small 2”x4” (50mm x 102mm) Footprint
 Chassis and PC/104 Mounting Plates Optional
 Two Variants Available:
ADLPS35-150-5: Input: 7-36V, Output: 5V, 5VS, 3.3V
ADLPS35-150-12: Input: 14-36V, Output: 5V, 5VS, 3.3V, 12V
 Voltage and Current Specifications (common all variants):
Maximum Input Current = 15A
Maximum Power = 150W Combined
Available Output Current: 5VS/5A, 5V/20A, 3.3V/5A, 12V/10A
 Input Protection:
Overcurrent
Overvoltage / Undervoltage / Surge
Reverse Voltage
 Output Protection:
Voltage Out of Range (monitored via PWRGD)
Short-circuit
 ATX Compliant Signals Available (PS-ON, PWRGD etc.)
 Temperature Range: -40C to +85C
 Minimal Cooling Required: Chassis Heatspreader or PC/104 Mount-
ing Plate Provide Sufficient Cooling for –40C to +85C Operation
Item Code
Part #
Description
ADLPS35-150-5
293023
ADLPS35-150-5, 5V, 5VS, 3.3V, ET
ADLPS35-150-12
293024
ADLPS35-150-12, 5V, 5VS, 12V, 3,3V, ET
*input connector included.
Accessories
ADLPS35-150-104MT
293029
ADLPS35-150 PC/104 mounting plate with
hardware kit
ADLPC35-150-HSP
293027
ADLPS35-150 Heat spreader for chassis mount
with hardware kit
ADLPS35CB-XPWR-5
100-9870
ADLPS35-150, 16P to 10P uFit conn, 5V ATX
Power Cable
ADLPS35CB-XPWR-12 100-9871
ADLPS35-150, 16P to 10P uFit conn, 5V/12V
ATX Power Cable
MILCOTS-FILTER
293031
MIL-STD 704/1275/461 Input Filter; 120w max.
The ADLPS35-150 power supply board is designed to meet the
needs of industrial and embedded motherboards by providing
robust ATX voltages (5V, 5VS, 3.3V, 12V) in a small form factor
power supply designed for -40C to +85C operation. Its small
2”x4” size (50mm x 102mm) allows it to fit many space limited
applications. As well, the ADLPS35-150 is tailored to sit side-by
-side with our 3.5-inch product line of motherboards and can
also be adapted to a PC/104 stack via an optional mounting
plate.
The power supply features ATX compliant signaling to allow
ACPI/APM power management from within compliant operating
systems. At 150 Watts total power and just 50mm x 102mm in
size, this small and rugged power supply will fit into most em-
bedded applications. The ADLPS35-150 is available in two vari-
ants, one allowing an input voltage range of 7-36V but providing
only the 5V, 5VS, and 3.3V outputs, the other with a narrower
input voltage range of 14-36V but providing 5V, 5VS, 3.3V and
12V outputs.
The board is protected against many types of input power
anomalies, such as over-currents, voltage deviations and volt-
age surge. Short bursts of over-current are simply filtered out.
Should overvoltage or under voltage situation persist too long,
the power supply shuts off. Noise interference is dampened by
up to 35dB. The output is protected against reverse voltage and
short-circuit.
Ordering Information
Description


Podobny numer części - ADLPS35-150-104MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADLPS104-150 ADL-ADLPS104-150 Datasheet
754Kb / 2P
   Power Supplies
ADLPS104-150-12 ADL-ADLPS104-150-12 Datasheet
754Kb / 2P
   Power Supplies
ADLPS104-150-5 ADL-ADLPS104-150-5 Datasheet
754Kb / 2P
   Power Supplies
ADLPS104-150-HSP ADL-ADLPS104-150-HSP Datasheet
754Kb / 2P
   Power Supplies
ADLPS104CF ADL-ADLPS104CF Datasheet
185Kb / 1P
   Power Supply with CF Socket PC/104
More results

Podobny opis - ADLPS35-150-104MT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advantech Co., Ltd.
PS-700ATX-ZE ADVANTECH-PS-700ATX-ZE Datasheet
130Kb / 1P
   Power Supplies
logo
Bel Fuse Inc.
ABC400 BEL-ABC400 Datasheet
1Mb / 11P
   Power Supplies
logo
ADL Embedded Solutions
ADLPS104ISO-150 ADL-ADLPS104ISO-150 Datasheet
391Kb / 1P
   Power Supplies
logo
Axiomtek Co., Ltd.
PS300-XP2 AXIOMTEK-PS300-XP2 Datasheet
195Kb / 2P
   Power Supplies
logo
Advantech Co., Ltd.
1757920002G ADVANTECH-1757920002G Datasheet
136Kb / 1P
   Power Supplies
logo
ADL Embedded Solutions
ADLPS104-150 ADL-ADLPS104-150 Datasheet
754Kb / 2P
   Power Supplies
logo
Guangdong Youtai Semico...
ESD3Z5V0C UMW-ESD3Z5V0C Datasheet
720Kb / 4P
   Power supplies
logo
Axiomtek Co., Ltd.
PS300-HRP AXIOMTEK-PS300-HRP Datasheet
199Kb / 2P
   Power Supplies
logo
Omron Electronics LLC
S8JX-G05024CD OMRON-S8JX-G05024CD Datasheet
312Kb / 2P
   Power Supplies
logo
Siemens Semiconductor G...
6EP1336-3BA00 SIEMENS-6EP1336-3BA00 Datasheet
1Mb / 152P
   Power supplies
2004
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com