Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NTE396 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE396
Szczegółowy opis  Silicon NPN Transistor Power Amplifier & High Speed Switch (Compl to NTE397)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE396 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE396 Datasheet HTML 1Page - NTE Electronics NTE396 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ Max Unit
Small–Signal Characteristics
Current Gain–Bandwidth Product
fT
IC = 10mA, VCE = 10V, f = 50MHz
15
MHz
Output Capacitance
Cobo
VCB = 10V, IE = 0, f = 1MHz
10
pF
Input Capacitance
Cibo
VCB = 5V, IC = 0, f = 1MHz
75
pF
Small–Signal Current Gain
hfe
IC = 5mA, VCE = 10V, f = 1MHz
25
Real Part of Input Impedance
Re(hie)
VCE = 10V, IC = 5mA, f = 1MHz
300
.260
(6.6)
Max
.500
(12.7)
Min
.370 (9.39) Dia Max
.355 (9.03) Dia Max
45
°
.031 (.793)
Emitter
Base
Collector/Case
.018 (0.45)


Podobny numer części - NTE396

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE39 NTE-NTE39 Datasheet
19Kb / 2P
   Silicon PNP Transistor Line-Operated Series Pass/Switching Regulator (Compl to NTE157)
NTE390 NTE-NTE390 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE391 NTE-NTE391 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE392 NTE-NTE392 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
NTE393 NTE-NTE393 Datasheet
21Kb / 2P
   Silicon Complementary Transistors General Purpose
More results

Podobny opis - NTE396

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NTE Electronics
NTE397 NTE-NTE397 Datasheet
18Kb / 2P
   Silicon PNP Transistor Power Amplifier & High Speed Switch (Compl to NTE396)
NTE123AP NTE-NTE123AP Datasheet
24Kb / 3P
   Silicon NPN Transistor Audio Amplifier, Switch (Compl to NTE159)
NTE2304 NTE-NTE2304 Datasheet
21Kb / 2P
   Silicon NPN Transistor High Current, High Speed Switch (Compl to NTE2314)
NTE2314 NTE-NTE2314 Datasheet
21Kb / 2P
   Silicon PNP Transistor High Current, High Speed Switch (Compl to NTE2304)
NTE2430 NTE-NTE2430 Datasheet
19Kb / 2P
   Silicon NPN Transistor High Voltage Amp/Switch (Compl to NTE2431)
NTE159 NTE-NTE159 Datasheet
24Kb / 3P
   Silicon PNP Transistor Audio Amplifier, Switch (Compl to NTE123AP)
NTE159MCP NTE-NTE159MCP Datasheet
53Kb / 2P
   Silicon PNP Transistor Audio Amplifier, Switch (Compl to NTE123AP)
NTE2431 NTE-NTE2431 Datasheet
19Kb / 2P
   Silicon PNP Transistor High Voltage Amp/Switch (Compl to NTE2430)
NTE399 NTE-NTE399 Datasheet
16Kb / 2P
   Silicon NPN Transistor High Voltage Video Amp (Compl to NTE2366)
NTE225 NTE-NTE225 Datasheet
60Kb / 2P
   Silicon NPN Transistor Linear Amplifier and High Speed Switch
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com