Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

NTE464 Arkusz danych(PDF) 2 Page - NTE Electronics

Numer części NTE464
Szczegółowy opis  Silicon Complementary MOSFET Transistors Enhancement Mode for Switching Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NTE [NTE Electronics]
Strona internetowa  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE464 Arkusz danych(HTML) 2 Page - NTE Electronics

  NTE464 Datasheet HTML 1Page - NTE Electronics NTE464 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Small–Signal Characteristics
Drain–Source Resistance
NTE464
rds(on)
VGS = –10V, ID = 0, f = 1kHz
600
NTE465
300
Forward Transfer Admittance
|yfs|
VDS = –10V, ID = 2mA, f = 1kHz
1000
µmhos
Input Capacitance
Ciss
VDS = 10V, VGS = 0, f = 140kHz
5
pF
Reverse Transfer Capacitance
Crss
VDS = 0, VGS = 0, f = 140kHz
1.3
pF
Drain–Substrate Capacitance
NTE464
Cd(sub)
VD(SUB) = –10V, f = 140kHz
4
pF
NTE465
5
pF
Switching Characteristics
Turn–On Delay
td1
ID = –2mA, VDS = –10V, VGS = –10V
45
ns
Rise Time
tr
65
ns
Turn–Off Delay
td2
60
ns
Fall Time
tf
100
ns
.220 (5.58) Dia
.185 (4.7) Dia
.030 (.762)
.040 (1.02)
.018 (0.45) Dia
45
°
Source
Gate
Drain
Case
.190
(4.82)
.500
(12.7)
Min


Html Pages

1  2 


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn