Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

93NJ250 Arkusz danych(PDF) 1 Page - Ohmite Mfg. Co.

Numer części 93NJ250
Szczegółowy opis  Lead Free Vitreous Enamel Molded
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  OHMITE [Ohmite Mfg. Co.]
Strona internetowa  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

93NJ250 Arkusz danych(HTML) 1 Page - Ohmite Mfg. Co.

  93NJ250 Datasheet HTML 1Page - Ohmite Mfg. Co. 93NJ250 Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
89
Coating Molded lead free vitreous enamel
Core Ceramic
Terminals Solder-coated copper clad axial. RoHS solder composition is 96% Sn, 3.5% Ag, 0.5% Cu
Derating Linearly from 100% @ +25°C to 0% @ +350°C
Tolerance ±5% (other tolerances available)
Power rating Based on 25°C free air rating (other wattages available*)
Maximum ohmic values See chart
Overload Under 11 watts: 5 times rated wattage for 5 seconds. 11 watts: 10 times rated wattage for 5 seconds
Temperature coefficient 1 to 9.99Ω: ±100 ppm/°C; 10Ω and over: ±30 ppm/°C
Dielectric withstanding voltage 500 VAC: 1W rating; 1000 VAC: 2, 3, 5 and 11W
90 Series
Lead Free Vitreous Enamel Molded
Axial Term. Wirewound, 5% Tolerance Standard
Series
Wattage*
Ohms
Voltage
91
1.5
0.1Ω-3.6K
150
92
2.25
0.1Ω-3.5K
85
93
3.25
0.1Ω-10.5K
200
95
5.0
0.1Ω-25K
495
96
6.5
0.1Ω-50K
625
90
11.0
0.1Ω-91K
1080
* 2x power ratings by using heat-sink mounting clips shown on following page.
Note: Due to space restrictions, parts are stamped with wattage ratings reduced to the
nearest whole number. The actual wattage ratings are as published in this catalog.
Series
Wattage
Length
Diameter
Lead gauge
91
1.5
0.452 / 11.5
0.140 / 3.6
24
92
2.25
0.405 / 10.3
0.219 / 5.6
20
93
3.25
0.577 / 14.7
0.234 / 5.9
20
95
5.0
0.968 / 24.6
0.265 / 6.7
20
96
6.5
0.952 / 24.2
0.343 / 8.7
20
90
11.0
1.811 / 46.0
0.343 / 8.7
20
L
D
1.5 in. / 38.1mm
When you need the highest quality wirewound axial
terminal resistors available, choose Ohmite’s 90
Series resistors.
They are manufactured by a unique process that
molds the vitreous enamel over the resistive ele-
ment, helping to ensure consistent dimensions.
This uniformity permits 90 Series resistors to be
mounted in clips, creating a heat-sinking benefit (see
next page).
The durable vitreous enamel coating, which is totally
lead free, permits the 90 Series resistors to maintain
a hard coating while operating at high temperatures.
Mechanical integrity is enhanced by the all-welded
construction.
Fea ture S
•MoldedConstructionprovidesconsistentshape
and size (Permits mounting in clips which extends
power rating).
•MeetsMIL-R-26requirementsforinsulatedresis-
tors.
•All-weldedconstruction.
•Flameresistantleadfreevitreousenamelcoating.
•Higherratingsinsmallersizes.
•Heatsinkmountingclipsavailable.
•RoHScompliant;add“E”suffixtopartnumberto
specify.
Chara C teri S ti CS
Serie S S pe C i F i C ation S
Dimen S ion S
(in./mm max.)
(continued)


Podobny numer części - 93NJ250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
93NJ250E ETC2-93NJ250E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
93NJ250E OHMITE-93NJ250E Datasheet
210Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
More results

Podobny opis - 93NJ250

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ohmite Mfg. Co.
RES-210 OHMITE-RES-210 Datasheet
261Kb / 2P
   Rugged lead free vitreous enamel coating
logo
List of Unclassifed Man...
91NJR10E ETC2-91NJR10E Datasheet
189Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
91NJ1R0E OHMITE-91NJ1R0E Datasheet
210Kb / 2P
   Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
L100J25RE OHMITE-L100J25RE Datasheet
180Kb / 1P
   Vitreous Enamel Power
EVF OHMITE-EVF Datasheet
475Kb / 2P
   Vitreous Enamel Power
L12J100E OHMITE-L12J100E Datasheet
122Kb / 1P
   Vitreous Enamel Power
logo
Riedon Powertron
VT-3 RIEDON-VT-3_13 Datasheet
159Kb / 2P
   Vitreous Enamel Wirewound Resistors
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
   Vitreous Enamel Wirewound Resistors
logo
Ohmite Mfg. Co.
B20J50R OHMITE-B20J50R Datasheet
181Kb / 1P
   Brown Devil Vitreous Enamel Power
B20J2R0 OHMITE-B20J2R0 Datasheet
181Kb / 1P
   Brown Devil짰 Vitreous Enamel Power
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com