Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1522 Arkusz danych(PDF) 1 Page - Gennum Corporation

Numer części GS1522
Szczegółowy opis  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522 Arkusz danych(HTML) 1 Page - Gennum Corporation

  GS1522 Datasheet HTML 1Page - Gennum Corporation GS1522 Datasheet HTML 2Page - Gennum Corporation GS1522 Datasheet HTML 3Page - Gennum Corporation GS1522 Datasheet HTML 4Page - Gennum Corporation GS1522 Datasheet HTML 5Page - Gennum Corporation GS1522 Datasheet HTML 6Page - Gennum Corporation GS1522 Datasheet HTML 7Page - Gennum Corporation GS1522 Datasheet HTML 8Page - Gennum Corporation GS1522 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
GENNUM CORPORATION P.O. Box 489, Stn. A, Burlington, Ontario, Canada L7R 3Y3
Tel. +1 (905) 632-2996
Fax. +1 (905) 632-5946
E-mail: info@gennum.com
www.gennum.com
Revision Date: August 2000
Document No. 522 - 26 - 00
PRELIMINARY DATA SHEET
FEATURES
• SMPTE 292M compliant
• 20:1 parallel to serial conversion
• NRZ(I) encoder & SMPTE scrambler with selectable
bypass
• NRZ to NRZ(I) serial data conversion
• 1.485Gb/s and 1.485/1.001Gb/s operation
• lock detect output
• selectable DUAL or QUAD 75
Ω cable driver outputs
• 8 bit or 10 bit input data support
• 20 bit wide inputs
• 3.3V and 5V CMOS/TTL compatible inputs
• single +5.0V power supply
APPLICATIONS
SMPTE 292M Serial Digital Interfaces for Video Cameras,
Camcorders, VTR's, Signal Generators, Portable Equip-
ment, and NLE's.
DESCRIPTION
The GS1522 is a monolithic bipolar integrated circuit
designed to serialize SMPTE 274M and SMPTE 260M bit
parallel digital signals.
This device performs the following functions:
Sync word mapping for 8-bit/10-bit operation.
Parallel to Serial conversion of Luma & Chroma data
Interleaving of Luma and Chroma data
Data Scrambling (using the X
9+X4+1 algorithm)
Conversion of NRZ to NRZI serial data (using the (X+1)
algorithm)
Selectable DUAL or QUAD 75
Ω Cable Driver outputs
Lock Detect Output
1.485Gb/s or 1.485/1.001Gb/s operation
This device requires a single 5V supply and typically
consumes less than 1000mW of power while driving two
75
Ω cables.
The GS1522 uses the GO1515 external VCO connected to
the internal PLL circuitry to achieve ultra low noise PLL
performance.
FUNCTIONAL BLOCK DIAGRAM
ORDERING INFORMATION
PART NUMBER
PACKAGE
TEMPERATURE
GS1522-CQR
128 pin MQFP
0°C to 70°C
SYNC DETECT
SMPTE
SCRAMBLER
INTERLEAVER
PARALLEL
TO SERIAL
CONVERTER
NRZ TO NRZI
PLL
INPUT
LATCH
GO1515
O/P0
O/P1
PLL_LOCK
SDO1_EN
RSET1
SDO1-
SDO1+
SDO0-
SDO0+
RSET0
BYPASS
RESET
SYNC_DETECT
_DISABLE
PCLK_IN
DATA_IN[19:0]
RESET
BYPASS
SCLK
PLOAD
MUTE
20
20
HD-LINX GS1522
HDTV Serial Digital Serializer


Podobny numer części - GS1522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results

Podobny opis - GS1522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com