Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS1522 Arkusz danych(PDF) 3 Page - Gennum Corporation

Numer części GS1522
Szczegółowy opis  HDTV Serial Digital Serializer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1522 Arkusz danych(HTML) 3 Page - Gennum Corporation

  GS1522 Datasheet HTML 1Page - Gennum Corporation GS1522 Datasheet HTML 2Page - Gennum Corporation GS1522 Datasheet HTML 3Page - Gennum Corporation GS1522 Datasheet HTML 4Page - Gennum Corporation GS1522 Datasheet HTML 5Page - Gennum Corporation GS1522 Datasheet HTML 6Page - Gennum Corporation GS1522 Datasheet HTML 7Page - Gennum Corporation GS1522 Datasheet HTML 8Page - Gennum Corporation GS1522 Datasheet HTML 9Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GENNUM CORPORATION
522 - 26 - 00
3
AC ELECTRICAL CHARACTERISTICS - PARALLEL TO SERIAL STAGE
VDD = 5V, TA = 0°C to 70°C unless otherwise specified.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Input Voltage Levels
VIL
-
-
0.8
V
For compatibility with TTL
voltage levels
VIH
2.0
-
-
V
For compatibility with TTL
voltage levels
Input Capacitance
CIN
-1
2
pF
Output Voltage Levels
VOL
-
-
0.4
V
For compatibility with TTL
voltage levels
VOH
2.4
-
-
V
For compatibility with TTL
voltage levels
Parallel Input Clock
Frequency
PCLK_IN
-
74.25
-
MHz
74.25/1.001MHz also
Input Clock Pulse Width
Low
tPWL
5-
-
ns
Input Clock Pulse Width
High
tPWH
5-
-
ns
Input Clock Rise/Fall time
tr, tf
-
500
1000
ps
20% to 80%
Input Clock Rise/Fall time
Matching
trfm
-
200
-
ps
Input Setup Time
tSU
1.0
-
-
ns
Input Hold Time
tIH
0-
-
ns
DC ELECTRICAL CHARACTERISTICS
VCC = 5V, VEE = 0V, TA = 0°C to 70°C unless otherwise specified.
PARAMETER
CONDITIONS
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Positive Supply Voltage
Operating Range
VCC
4.75
5.00
5.25
V
Power (system power)
VCC = 5.00V, T=25°C
PD
-
950
-
mW
(Driving two 75
Ω outputs)
VCC = 5.00V, T=25°C
PD
-
1170
-
mW
(Driving four 75
Ω outputs)
Supply Current
VCC = 5.25V, T=70°C
-
-
300
mA
(Driving four 75
Ω outputs)
VCC = 5.00V, T=25°C
-
234
-
mA
(Driving four 75
Ω outputs)
SDO1 disabled
VCC = 5.25V, 70°C
-
-
240
mA
(Driving two 75
Ω outputs)
SDO1 disabled
VCC = 5.0V, 25°C
-
190
-
mA
(Driving two 75
Ω outputs)


Podobny numer części - GS1522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1522 GENNUM-GS1522 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQR GENNUM-GS1522-CQR Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522-CQRE3 GENNUM-GS1522-CQRE3 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
More results

Podobny opis - GS1522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Gennum Corporation
GS1522 GENNUM-GS1522_04 Datasheet
449Kb / 20P
   HDTV Serial Digital Serializer
GS1510 GENNUM-GS1510 Datasheet
106Kb / 11P
   HDTV Serial Digital Deformatter
GS1515 GENNUM-GS1515 Datasheet
336Kb / 17P
   HDTV Serial Digital Reclocker
GS1545 GENNUM-GS1545_04 Datasheet
279Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1545 GENNUM-GS1545 Datasheet
198Kb / 19P
   HDTV Serial Digital Equalizing Receiver
GS1540 GENNUM-GS1540_04 Datasheet
238Kb / 17P
   HDTV Serial Digital Non-Equalizing Receiver
GS1540 GENNUM-GS1540 Datasheet
180Kb / 16P
   HDTV Serial Digital Non-Equalizing Receiver
GS1500 GENNUM-GS1500 Datasheet
146Kb / 17P
   HDTV Serial Digital Deformatter with ANC FIFOs
GS1501 GENNUM-GS1501 Datasheet
184Kb / 15P
   HDTV Serial Digital Formatter with ANC FIFOs
GS1511 GENNUM-GS1511 Datasheet
131Kb / 9P
   HD-LINX -TM GS1511 HDTV Serial Digital Formatter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com