Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC7941YC Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LC7941YC
Szczegółowy opis  Dot-matrix LCD Drivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC7941YC Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LC7941YC Datasheet HTML 2Page - Sanyo Semicon Device LC7941YC Datasheet HTML 3Page - Sanyo Semicon Device LC7941YC Datasheet HTML 4Page - Sanyo Semicon Device LC7941YC Datasheet HTML 5Page - Sanyo Semicon Device LC7941YC Datasheet HTML 6Page - Sanyo Semicon Device LC7941YC Datasheet HTML 7Page - Sanyo Semicon Device LC7941YC Datasheet HTML 8Page - Sanyo Semicon Device LC7941YC Datasheet HTML 9Page - Sanyo Semicon Device LC7941YC Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
LC7940YC, LC7941YC
No. 6157—6/13
LC7941C Pad Location
chip size : 4.830 mm x 3.550 mm
Pin No.
Name
X
Y
Pin No.
Name
X
Y
1
O80
-1600
2240
51
O30
1600
-2240
2
O79
-1600
2072
52
O29
1600
-2072
3
O78
-1600
1906
53
O28
1600
-1906
4
O77
-1600
1742
54
O27
1600
-1742
5
O76
-1600
1580
55
O26
1600
-1580
6
O75
-1600
1420
56
O25
1600
-1420
7
O74
-1600
1262
57
O24
1600
-1262
8
O73
-1600
1106
58
O23
1600
-1106
9
O72
-1600
952
59
O22
1600
-952
10
O71
-1600
800
60
O21
1600
-800
11
O70
-1600
650
61
O20
1600
-650
12
O69
-1600
502
62
O19
1600
-502
13
O68
-1600
356
63
O18
1600
-356
14
O67
-1600
212
64
O17
1600
-212
15
O66
-1600
70
65
O16
1600
-70
16
O65
-1600
-70
66
O15
1600
70
17
O64
-1600
-212
67
O14
1600
212
18
O63
-1600
-356
68
O13
1600
356
19
O62
-1600
-502
69
O12
1600
502
20
O61
-1600
-650
70
O11
1600
650
21
O60
-1600
-800
71
O10
1600
800
22
O59
-1600
-952
72
O9
1600
952
23
O58
-1600
-1106
73
O8
1600
1106
24
O57
-1600
-1262
74
O7
1600
1262
25
O56
-1600
-1420
75
O6
1600
1420
26
O55
-1600
-1580
76
O5
1600
1580
27
O54
-1600
-1742
77
O4
1600
1742
28
O53
-1600
-1906
78
O3
1600
1906
29
O52
-1600
-2072
79
O2
1600
2072
30
O51
-1600
-2240
80
O1
1600
2240
31
O50
-1420
-2240
81
CP
1415
2240
32
O49
-1262
-2240
82
CDI
1252
2240
33
O48
-1106
-2240
83
LOAD
1091
2240
34
O47
-952
-2240
84
SDI
932
2240
35
O46
-800
-2240
85
DI3
775
2240
36
O45
-650
-2240
86
DI2
620
2240
37
O44
-502
-2240
87
DI1
467
2240
38
O43
-356
-2240
88
M
316
2240
39
O42
-212
-2240
89
V1
42
2179
40
O41
-70
-2240
90
VDD
-123
2179
41
O40
70
-2240
91
---
---
---
42
O39
212
-2240
92
V3
-299
2179
43
O38
356
-2240
93
V4
-464
2179
44
O37
502
-2240
94
VEE
-629
2179
45
O36
650
-2240
95
VSS
-825
2179
46
O35
800
-2240
96
P/S
-1091
2240
47
O34
952
-2240
97
DISPOFF
-1252
2240
48
O33
1106
-2240
98
---
---
---
49
O32
1262
-2240
99
CDO
-1415
2240
50
O31
1420
-2240
100
---
---
---


Podobny numer części - LC7941YC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC7941KDR SANYO-LC7941KDR Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
LC7941ND SANYO-LC7941ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results

Podobny opis - LC7941YC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC79431KNE ONSEMI-LC79431KNE Datasheet
118Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79430KNE SANYO-LC79430KNE Datasheet
123Kb / 7P
   Dot-Matrix LCD Drivers
LC79431KNE SANYO-LC79431KNE Datasheet
121Kb / 7P
   Dot-Matrix LCD Drivers
LC7940YD SANYO-LC7940YD Datasheet
243Kb / 11P
   Dot-matrix LCD Drivers
logo
ON Semiconductor
LC79401KNE-E ONSEMI-LC79401KNE-E Datasheet
89Kb / 8P
   Dot-Matrix LCD Drivers
July, 2013
LC79430KNE ONSEMI-LC79430KNE Datasheet
120Kb / 7P
   Dot-Matrix LCD Drivers
July, 2013
logo
Sanyo Semicon Device
LC79401KNE SANYO-LC79401KNE Datasheet
91Kb / 8P
   Dot-Matrix LCD Drivers
LC7940KD SANYO-LC7940KD Datasheet
112Kb / 13P
   CMOS IC Dot-Matrix LCD Drivers
LC7942KD SANYO-LC7942KD Datasheet
70Kb / 8P
   CMOS IC Dot-Matrix LCD Drivers
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
   Dot-Matrix LCD Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com