Zakładka z wyszukiwarką danych komponentów |
|
MC102822004JE Arkusz danych(PDF) 2 Page - Ohmite Mfg. Co. |
|
MC102822004JE Arkusz danych(HTML) 2 Page - Ohmite Mfg. Co. |
2 / 2 page 1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com 25 MC102821006J ER Macro Chip Series Terminal 5 = J-bend 6 = SMD 8 = No term. Style 101 102 104 202 204 Tolerance D= 0.5% F= 1% G= 2% J= 5% K= 10% M= 15% P= 20% Coating 2 = Blue silicone Ohms First 3 digits are significant; 4th digit is multiplier (# of zeroes to follow). Examples: 10R2 = 10.2 ohms 1000 = 100 ohms 1503 = 150,000 ohms E = RoHS compliant Tape and Reel optional B A 0.050" (1.27 mm) two places 0.030" ±0.005 (0.76 mm ±0.13) B' 0.14" (3.6mm) 0.055" typ. (1.40mm) NAS CC21AA-D22W-OFA J Lead 0.050" centers With Terminal Options: J-bend 0.065" (1.65mm) 0.035" typ. (0.89mm) SMD Land Pattern Land pattern dimensions are for reference only. L O M N Size M N O L MC101 0.280 0.080 0.278 0.120 MC102 0.530 0.080 0.278 0.370 MC103 0.780 0.080 0.278 0.620 MC104 1.030 0.080 0.278 0.870 MC202 0.530 0.080 0.556 0.370 MC204 1.030 0.080 0.556 0.870 Qty./Reel Series Power A ±.01” B ±.01” B’ max. (J-bend) w/J-bend w/o J-bend MC101 0.75W 0.25” (6.35) 0.25” (6.35) 0.29” (7.37) 1000 2500 MC102 1.50W 0.25” (6.35) 0.50” (12.70) 0.54” (13.72) 1000 2500 MC103 2.00W 0.25” (6.35) 0.75” (19.05) 0.79” (20.07) 1000 2500 MC104 2.50W 0.25” (6.35) 1.00” (25.40) 1.04” (26.42) MC202 2.50W 0.50” (12.70) 0.50” (12.70) MC204 3.25W 0.50” (12.70) 1.00” (25.40) Contact Ohmite for custom configurations. Macrochip Series High Voltage/High Resistance Precision Thick Film Surface Mount d IM en SI on S (in./mm) order I ng I nfor M at I on Temp. Coeff. of Resistance* 0°C-85°C 85°C-125°C Voltage Coeff. of Resistance** Resistor Series 25 PPM/°C 50 PPM/°C 100 PPM/°C < 2PPM/Volt < 5PPM/Volt MC101 100 to 800M 100Ω to 100M 101M to 1,000M 100Ω to 270M 271M to 1,000M MC102 200 to 1,500M 200Ω to 250M 251M to 5,000M 200Ω to 640M 641M to 5,000M MC103 250 to 800M 250Ω to 440M 441M to 5,000M 250Ω to 1,100M 1,101M to 5,000M MC104 500 to 2,500M 500Ω to 450M 451M to 5,000M 500Ω to 1,100M 1,101M to 5,000M MC202 500 to 1,500M 500Ω to 200M 201M to 5,000M 500Ω to 520M 521M to 5,000M MC204 1K to 1,750M 1K to 375M 376M to 5,000M 1K to 950M 951M to 5,000M *TCR of 25ppm for temperature range of 0°C-85°C. TCR of 50ppm and 100ppm for -55°C to 125°C. Consult factory for TCR values operating higher than 125°C **VC’s of <2PPM/Volt are available. Contact Ohmite with your requirement. 1K MC102821001JE 2.5K MC102822501JE 5K MC102825001JE 7.5K MC102827501JE 10K MC102821002JE 12.5K MC102821252JE 15K MC102821502JE 17.5K MC102821752JE 20K MC102822002JE 25K MC102822502JE t e M p./Voltage c oeff I c I ent S of r e SIS tance Standard Part Numbers Series: MC10282 Tolerance: 5% Watts: 1W Ohms Part Number Ohms Part Number Ohms Part Number 50K MC102825002JE 75K MC102827502JE 100K MC102821003JE 125K MC102821253JE 150K MC102821503JE 200K MC102822003JE 250K MC102822503JE 500K MC102825003JE 750K MC102827503JE 1M MC102821004JE 1.25M MC102821254JE 1.5M MC102821504JE 1.75M MC102821754JE 2M MC102822004JE 2.5M MC102822504JE 5M MC102825004JE 10M MC102821005JE 25M MC102822505JE 50M MC102825005JE |
Podobny numer części - MC102822004JE |
|
Podobny opis - MC102822004JE |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |