Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC100LVEP34DT Arkusz danych(PDF) 7 Page - ON Semiconductor

Numer części MC100LVEP34DT
Szczegółowy opis  2.5V / 3.3V ECL /2, /4, /8 Clock Generation Chip
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100LVEP34DT Arkusz danych(HTML) 7 Page - ON Semiconductor

Back Button MC100LVEP34DT Datasheet HTML 3Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 4Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 5Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 6Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 7Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 8Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 9Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 10Page - ON Semiconductor MC100LVEP34DT Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MC100LVEP34
http://onsemi.com
7
There are two distinct functional relationships between the Master Reset and Clock:
CASE 1: If the MR is de−asserted (H−L), while the Clock is still high, the
outputs will follow the second ensuing clock rising edge.
CLK
Q0
Q1
Q2
EN
The EN signal will “freeze” the internal divider flip−flops on the first falling edge of CLK after its assertion. The internal
divider flip−flops will maintain their state during the freeze. When EN is deasserted (LOW), and after the next falling edge
of CLK, then the internal divider flip−flops will “unfreeze” and continue to their next state count with proper phase rela-
tionships.
Internal Clock
Disabled
Internal Clock
Enabled
MR
CLK
Q0
Q1
Q2
EN
Internal Clock
Disabled
Internal Clock
Enabled
MR
CASE 2: If the MR is de−asserted (H−L), after the Clock has transitioned low, the
outputs will follow the third ensuing clock rising edge.
CASE 1
CASE 2
Figure 2. Timing Diagrams
CLOCK
OUTPUT
MR
TRR
CLOCK
OUTPUT
MR
TRR
Figure 3. Reset Recovery Time


Podobny numer części - MC100LVEP34DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP34DT ONSEMI-MC100LVEP34DT Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DTG ONSEMI-MC100LVEP34DTG Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DTG ONSEMI-MC100LVEP34DTG Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34DTR2 ONSEMI-MC100LVEP34DTR2 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEP34DTR2G ONSEMI-MC100LVEP34DTR2G Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
More results

Podobny opis - MC100LVEP34DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC100LVEP34 ONSEMI-MC100LVEP34_14 Datasheet
106Kb / 11P
   2.5V / 3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 11
MC100LVEP34 ONSEMI-MC100LVEP34_06 Datasheet
150Kb / 12P
   2.5V / 3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL38 ONSEMI-MC100LVEL38_16 Datasheet
242Kb / 7P
   3.3V ECL Clock Generation Chip
July, 2016 ??Rev. 11
MC100LVEL34 ONSEMI-MC100LVEL34_14 Datasheet
99Kb / 9P
   3.3V ECL Clock Generation Chip
April, 2014 ??Rev. 4
MC10EP139 ONSEMI-MC10EP139 Datasheet
102Kb / 14P
   3.3V / 5V ECL /2/4, /4/5/6 Clock Generation Chip
February, 2005 ??Rev. 6
logo
Freescale Semiconductor...
MC100ES6139 FREESCALE-MC100ES6139 Datasheet
241Kb / 12P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
MC100ES6039 FREESCALE-MC100ES6039 Datasheet
236Kb / 8P
   3.3V ECL/PECL/HSTL/LVDS 2/4, 4/6 Clock Generation Chip
logo
ON Semiconductor
MC100LVEL39 ONSEMI-MC100LVEL39 Datasheet
120Kb / 6P
   3.3V ECL 첨2/4, 첨4/6 Clock Generation Chip
November, 2006 ??Rev. 9
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com