Zakładka z wyszukiwarką danych komponentów |
|
LM285LPR-2-5 Arkusz danych(PDF) 2 Page - Texas Instruments |
|
|
LM285LPR-2-5 Arkusz danych(HTML) 2 Page - Texas Instruments |
2 / 14 page LM2852.5, LM3852.5, LM385B2.5 MICROPOWER VOLTAGE REFERENCES SLVS023I − JANUARY 1989 − REVISED FEBRUARY 2005 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) The design makes these devices exceptionally tolerant of capacitive loading and, thus, easier to use in most reference applications. The wide dynamic operating temperature range accommodates varying current supplies, with excellent regulation. The extremely low power drain of this series makes them useful for micropower circuitry. These voltage references can be used to make portable meters, regulators, or general-purpose analog circuitry, with battery life approaching shelf life. The wide operating current range allows them to replace older references with tighter-tolerance parts. symbol ANODE CATHODE schematic Q3 Q1 Q4 Q7 Q2 Q5 20 pF 20 pF Q6 Q8 Q12 Q11 Q13 Q10 Q9 Q14 CATHODE ANODE 500 Ω 500 Ω 300 k Ω 200 k Ω 50 k Ω 500 Ω 60 k Ω 100 k Ω 600 k Ω 7.5 k Ω NOTE A: All component values shown are nominal. |
Podobny numer części - LM285LPR-2-5 |
|
Podobny opis - LM285LPR-2-5 |