Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF200P223 Arkusz danych(PDF) 4 Page - Infineon Technologies AG

Numer części IRF200P223
Szczegółowy opis  IR MOSFET - StrongIRFET?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INFINEON [Infineon Technologies AG]
Strona internetowa  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRF200P223 Arkusz danych(HTML) 4 Page - Infineon Technologies AG

  IRF200P223 Datasheet HTML 1Page - Infineon Technologies AG IRF200P223 Datasheet HTML 2Page - Infineon Technologies AG IRF200P223 Datasheet HTML 3Page - Infineon Technologies AG IRF200P223 Datasheet HTML 4Page - Infineon Technologies AG IRF200P223 Datasheet HTML 5Page - Infineon Technologies AG IRF200P223 Datasheet HTML 6Page - Infineon Technologies AG IRF200P223 Datasheet HTML 7Page - Infineon Technologies AG IRF200P223 Datasheet HTML 8Page - Infineon Technologies AG IRF200P223 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
Final Datasheet
V1.0
2017-02-27
IR MOSFET-StrongIRFET™
IRF200P223
4 
Table 2
Maximum ratings (at TJ=25°C, unless otherwise specified)
Parameter
Symbol
Values
Unit
Continuous Drain Current
ID
100
A
Continuous Drain Current
ID
71
Pulsed Drain Current 
IDM
400
Maximum Power Dissipation
PD
313
W
Linear Derating Factor
2.1
W/°C
Gate-to-Source Voltage
VGS
± 20
V
Operating Junction and
Storage Temperature Range
TJ
TSTG
-55 to + 175
°C
Soldering Temperature, for 10 seconds
(1.6mm from case)
-
300
Mounting Torque, 6-32 or M3 Screw
-
10 lbf·in (1.1 N·m)
-
Conditions
TC = 25°C, VGS @ 10V
TC = 100°C, VGS @ 10V
TC = 25°C
TC = 25°C
TC = 25°C
-
-
-
-
Notes:

Repetitive rating; pulse width limited by max. junction temperature.
Limited by TJmax, starting TJ = 25°C, L = 0.24mH, RG = 50, IAS = 60A, VGS =10V.

ISD  60A, di/dt  2330A/µs, VDDV(BR)DSS, TJ 175°C.

Pulse width  400µs; duty cycle  2%.
Coss eff. (TR) is a fixed capacitance that gives the same charging time as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff. (ER) is a fixed capacitance that gives the same energy as Coss while VDS is rising from 0 to 80% VDSS.
Ris measured at TJ approximately 90°C.
Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50, IAS = 33A, VGS =10V.
Table 4
Avalanche characteristics
Parameter
Symbol
Values
Unit
Single Pulse Avalanche Energy 
EAS(Thermallylimited)
429
mJ  
Single Pulse Avalanche Energy 
EAS(Thermallylimited)
541
Avalanche Current 
IAR
See Fig 16, 17, 23a, 23b
A
Repetitive Avalanche Energy 
EAR
mJ
Table 3
Thermal characteristics
Parameter
Symbol
Conditions
Typ.
Max.
Unit
Junction-to-Case 
RJC
TJ approximately 90°C
-
0.48
°C/W
Case-to-Sink, Flat Greased Surface
RCS
-
0.24
-
Junction-to-Ambient
RJA
-
-
40
Min.
-
-
-
2
Maximum ratings and thermal characteristics
Maximum ratings and thermal characteristics


Podobny numer części - IRF200P223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRF200P223 ISC-IRF200P223 Datasheet
334Kb / 2P
   N-Channel MOSFET Transistor
More results

Podobny opis - IRF200P223

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IRF250P225 INFINEON-IRF250P225 Datasheet
1Mb / 17P
   IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRF200S234 INFINEON-IRF200S234 Datasheet
1Mb / 18P
   IR MOSFET - StrongIRFET?
V2.0 2017-6-30
IRF300P227 INFINEON-IRF300P227 Datasheet
1Mb / 17P
   IR MOSFET - StrongIRFET?
V2.0 2017-11-14
IRF250P224 INFINEON-IRF250P224 Datasheet
1Mb / 17P
   IR MOSFET - StrongIRFET?
V1.0 2017-02-27
IRL60SC216 INFINEON-IRL60SC216 Datasheet
1Mb / 11P
   StrongIRFET
Rev.2.2,2020-07-02
IRF300P226 INFINEON-IRF300P226 Datasheet
1Mb / 17P
   StrongIRFET™
V2.2 2020-01-07
IRFP250MPBF INFINEON-IRFP250MPBF Datasheet
1Mb / 9P
   IR MOSFET?
05/28/2020
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
   MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
IRF7749L1TRPBF INFINEON-IRF7749L1TRPBF Datasheet
1Mb / 18P
   IR MOSFET-DirectFET?
V2.2 2019-02-20
logo
KODENSHI_AUK CORP.
KME-M002C KODENSHI-KME-M002C Datasheet
96Kb / 1P
   IR Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com