Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8369 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części AD8369
Szczegółowy opis  45 dB Digitally Controlled VGA
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8369 Arkusz danych(HTML) 4 Page - Analog Devices

  AD8369_17 Datasheet HTML 1Page - Analog Devices AD8369_17 Datasheet HTML 2Page - Analog Devices AD8369_17 Datasheet HTML 3Page - Analog Devices AD8369_17 Datasheet HTML 4Page - Analog Devices AD8369_17 Datasheet HTML 5Page - Analog Devices AD8369_17 Datasheet HTML 6Page - Analog Devices AD8369_17 Datasheet HTML 7Page - Analog Devices AD8369_17 Datasheet HTML 8Page - Analog Devices AD8369_17 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
–4–
AD8369
Parameter
Conditions
Min
Typ
Max
Unit
Frequency = 380 MHz
Voltage Gain
38.5
dB
Gain Flatness
Within
±20 MHz of 380 MHz
±0.15
dB
Noise Figure
7.8
dB
Output IP3
f1 = 379.55 MHz, f2 = 380.45 MHz
+8.5
dBV rms
+8.5
dBm
IMD3
f1 = 379.55 MHz, f2 = 380.45 MHz,
VOPHI – VOPLO = 1 V p-p composite
–47
dBc
Harmonic Distortion
Second-Order, VOPHI – VOPLO = 1 V p-p
–45
dBc
Third-Order, VOPHI – VOPLO = 1 V p-p
–49
dBc
P1dB
For
±1 dB deviation from linear gain
+0.5
dBV rms
+0.5
dBm
Specifications subject to change without notice.
SPECIFICATIONS (Continued)
TIMING SPECIFICATIONS
SERIAL PROGRAMMING TIMING REQUIREMENTS
(VS = 5 V, T = 25 C)
Parameter
Typ
Unit
Minimum Clock Pulsewidth (TPW)10
ns
Minimum Clock Period (TCK)20
ns
Minimum Setup Time Data vs. Clock (TDS)2
ns
Minimum Setup Time Data Enable vs. Clock (TES)2
ns
Minimum Hold Time Clock vs. Data Enable (TEH)2
ns
Minimum Hold Time Data vs. Clock (TDH)4
ns
TCK
TPW
TEH
TES
CLOCK
DISABLED
CLOCK
DISABLED
CLOCK
ENABLED
DATA IS LATCHED ON LOW-TO-HIGH TRANSITION OF DENB
(NOT TO SCALE)
TDH
TDS
MSB
MSB–1
MSB–2
LSB
CLOCK
(BIT 1)
DATA
(BIT 0)
DATA
ENABLE
(DENB)
Serial Programming Timing
PARALLEL PROGRAMMING TIMING REQUIREMENTS
(VS = 5 V, T = 25 C)
Parameter
Typ
Unit
Minimum Setup Time Data Enable vs. Data (TES)2
ns
Minimum Hold Time Data Enable vs. Data (TEH)2
ns
Minimum Data Enable Width (TPW)4
ns
MSB
(BIT3)
DATA IS LATCHED ON HIGH-TO-LOW
TRANSITION OF DENB
DENB
TES TEH
TPW
LSB
(BIT0)
MSB–2
(BIT1)
MSB–1
(BIT2)
(NOT TO SCALE)
Parallel Programming Timing
REV. A


Podobny numer części - AD8369_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
More results

Podobny opis - AD8369_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369ARUZ AD-AD8369ARUZ Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
ADL5202 AD-ADL5202_17 Datasheet
1Mb / 29P
   Wide Dynamic Range, High Speed Digitally Controlled VGA
ADL5201 AD-ADL5201_15 Datasheet
895Kb / 26P
   Wide Dynamic Range, High Speed, Digitally Controlled VGA
logo
Linear Technology
LT5554 LINER-LT5554_15 Datasheet
610Kb / 32P
   Broadband Ultra Low Distortion 7-Bit Digitally Controlled VGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com