Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADL5320 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADL5320
Szczegółowy opis  RF Driver Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADL5320 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADL5320_13 Datasheet HTML 7Page - Analog Devices ADL5320_13 Datasheet HTML 8Page - Analog Devices ADL5320_13 Datasheet HTML 9Page - Analog Devices ADL5320_13 Datasheet HTML 10Page - Analog Devices ADL5320_13 Datasheet HTML 11Page - Analog Devices ADL5320_13 Datasheet HTML 12Page - Analog Devices ADL5320_13 Datasheet HTML 13Page - Analog Devices ADL5320_13 Datasheet HTML 14Page - Analog Devices ADL5320_13 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADL5320
HIGH TEMPERATURE AND 3.3 V OPERATION
The ADL5320 has excellent performance at temperatures higher than 85°C. At 105°C, the gain and P1dB decrease by 0.2 dB, the OIP3
decreases by 0.4 dB, and the noise figure increases by 0.2 dB, compared with the data at 85°C. Figure 28, Figure 29, and Figure 30 show
the performance at 105°C.
10
11
12
13
14
15
16
2060
2080
2100
2120
2140
2160
2180
2200
2220
FREQUENCY (MHz)
25°C
85°C
105°C
Figure 28. Gain vs. Frequency and Temperature,
5 V Supply, 2060 MHz to 2200 MHz
29
31
33
35
37
39
41
43
45
25.0
25.5
26.0
26.5
27.0
27.5
28.0
28.5
29.0
2060
2080
2100
2120
2140
2160
2180
2200
2220
FREQUENCY (MHz)
25°C
25°C
85°C
85°C
105°C
105°C
Figure 29. OIP3 and P1dB vs. Frequency and Temperature,
5 V Supply, 2060 MHz to 2200 MHz
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
1900
1950
2000
2050
2100
2150
2200
2250
2300
FREQUENCY (MHz)
85°C
25°C
105°C
Figure 30. Noise Figure vs. Frequency and Temperature, 5 V Supply,
2060 MHz to 2200 MHz
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
14.5
15.0
2060
2080
2100
2120
2140
2160
2180
2200
2220
FREQUENCY (MHz)
+25°C
–40°C
+85°C
+105°C
Figure 31. Gain vs. Frequency and Temperature,
3.3 V Supply, 2060 MHz to 2200 MHz
27
28
29
30
31
32
33
21
22
23
24
25
26
27
2060
2080
2100
2120
2140
2160
2180
2200
2220
FREQUENCY (MHz)
+25°C
+25°C
–40°C
–40°C
+85°C
+105°C
+85°C
+105°C
Figure 32. OIP3 and P1dB vs. Frequency and Temperature,
3.3 V Supply, 2060 MHz to 2200 MHz
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
6.5
7.0
1900
1950
2000
2050
2100
2150
2200
2250
2300
FREQUENCY (MHz)
+85°C
+105°C
+25°C
–40°C
Figure 33. Noise Figure vs. Frequency and Temperature,
3.3 V Supply, 2060 MHz to 2200 MHz
Rev. B | Page 11 of 20


Podobny numer części - ADL5320_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADL5320-EVALZ AD-ADL5320-EVALZ Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320ARKZ-R7 AD-ADL5320ARKZ-R7 Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320ARKZ-R7 AD-ADL5320ARKZ-R7 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
ADL5320ARKZ-WP AD-ADL5320ARKZ-WP Datasheet
328Kb / 10P
   400 MHz to 2700 MHz Pre-driver RF Amplifier
Rev. PrB
ADL5320 AD-ADL5320_08 Datasheet
691Kb / 16P
   400 MHz to 2700 MHz RF Driver Amplifier
REV. 0
More results

Podobny opis - ADL5320_13

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MAAM-010617 MA-COM-MAAM-010617 Datasheet
418Kb / 7P
   RF Driver Amplifier
MAAM-010617 MA-COM-MAAM-010617_15 Datasheet
418Kb / 7P
   RF Driver Amplifier
logo
Analog Devices
ADL5321 AD-ADL5321_14 Datasheet
427Kb / 16P
   RF Driver Amplifier
ADL5605 AD-ADL5605_17 Datasheet
554Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560 MA-COM-MAAM-009560_15 Datasheet
889Kb / 5P
   RF Driver Amplifier
logo
Analog Devices
ADL5606 AD-ADL5606_17 Datasheet
611Kb / 18P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009560-V1 MA-COM-MAAM-009560-V1 Datasheet
235Kb / 4P
   RF Driver Amplifier
MAAM-009563 MA-COM-MAAM-009563 Datasheet
241Kb / 5P
   RF Driver Amplifier
MAAM-009560 MA-COM-MAAM-009560 Datasheet
235Kb / 4P
   RF Driver Amplifier
logo
Analog Devices
ADL5604 AD-ADL5604_17 Datasheet
777Kb / 23P
   RF Driver Amplifier
logo
M/A-COM Technology Solu...
MAAM-009563 MA-COM-MAAM-009563_15 Datasheet
855Kb / 6P
   RF Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com