Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADA4940-1 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADA4940-1
Szczegółowy opis  Ultralow Power, Low Distortion, Fully Differential ADC Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADA4940-1 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADA4940-1 Datasheet HTML 7Page - Analog Devices ADA4940-1 Datasheet HTML 8Page - Analog Devices ADA4940-1 Datasheet HTML 9Page - Analog Devices ADA4940-1 Datasheet HTML 10Page - Analog Devices ADA4940-1 Datasheet HTML 11Page - Analog Devices ADA4940-1 Datasheet HTML 12Page - Analog Devices ADA4940-1 Datasheet HTML 13Page - Analog Devices ADA4940-1 Datasheet HTML 14Page - Analog Devices ADA4940-1 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
ADA4940-1/ADA4940-2
Rev. E | Page 11 of 30
TYPICAL PERFORMANCE CHARACTERISTICS
TA = 25°C, VS = ±2.5 V, G = 1, RF = RG = 1 kΩ, RT = 52.3 Ω (when used), RL = 1 kΩ, unless otherwise noted. See Figure 59 and Figure 60 for the
test circuits.
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
G = 2, RL = 1kΩ
G = 2, RL = 200Ω
G = 1, RL = 200Ω
G = 1, RL = 1kΩ
Figure 7. Small Signal Frequency Response for Various Gains and Loads
(LFCSP)
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT, dm = 0.1V p-p
VS = ±3.5V
VS = ±2.5V
VS = ±1.5V
Figure 8. Small Signal Frequency Response for Various Supplies (LFCSP)
Figure 9. Small Signal Frequency Response for Various Temperatures (LFCSP)
3
–9
0.1
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT = 2V p-p
G = 2, RL = 1kΩ
G = 1, RL = 1kΩ
G = 1, RL = 200Ω
G = 2, RL = 200Ω
Figure 10. Large Signal Frequency Response for Various Gains and Loads
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
3
0.1
1
10
100
1000
FREQUENCY (MHz)
VOUT = 2V p-p
VS = ±3.5V
VS = ±2.5V
VS = ±1.5V
Figure 11. Large Signal Frequency Response for Various Supplies
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 2V p-p
–40°C
+25°C
+125°C
Figure 12. Large Signal Frequency Response for Various Temperatures
3
–9
1
10
100
1000
FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
1
2
VOUT, dm = 0.1V p-p
–40°C
+25°C
+125°C


Podobny numer części - ADA4940-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4940-1 AD-ADA4940-1 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4940-1 AD-ADA4940-1 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
ADA4940-1ACP-EBZ AD-ADA4940-1ACP-EBZ Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4940-1ACPZ-R2 AD-ADA4940-1ACPZ-R2 Datasheet
926Kb / 32P
   Ultralow Power, Low Distortion
REV. B
ADA4940-1ACPZ-R2 AD-ADA4940-1ACPZ-R2 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
More results

Podobny opis - ADA4940-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADA4940-1 AD-ADA4940-1_16 Datasheet
1Mb / 30P
   Ultralow Power, Low Distortion, Fully Differential ADC Drivers
ADA4937-1 AD-ADA4937-1_07 Datasheet
627Kb / 28P
   Ultralow Distortion, Differential ADC Driver
REV. 0
ADA4938-2 AD-ADA4938-2_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4937-1 AD-ADA4937-1_16 Datasheet
591Kb / 28P
   Ultralow Distortion Differential ADC Driver
ADA4937-2 AD-ADA4937-2_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4937-1 AD-ADA4937-1_15 Datasheet
959Kb / 29P
   Ultralow Distortion Differential ADC Driver
Rev. D
ADA4938-1 AD-ADA4938-1_16 Datasheet
598Kb / 26P
   Ultralow Distortion Differential ADC Driver
ADA4938-1 AD-ADA4938-1_15 Datasheet
573Kb / 28P
   Ultralow Distortion Differential ADC Driver
REV. A
ADA4939-1 AD-ADA4939-1 Datasheet
628Kb / 24P
   Ultralow Distortion Differential ADC Driver
REV. 0
ADA4939-1 AD-ADA4939-1_16 Datasheet
590Kb / 24P
   Ultralow Distortion, Differential ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com