Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK14D88-NF45 Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części STK14D88-NF45
Szczegółowy opis  32K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

STK14D88-NF45 Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  STK14D88-NF45 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK14D88-NF45 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
STK14D88
April 2005
Document Control #ML0033 rev 1.2
5
SRAM READ CYCLES #1 & #2
SYMBOLS
STK14D88-25
STK14D88-35
STK14D88-45
NO.
#1
#2
Alt.
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNITS
1
tELQV
tACS
Chip Enable Access Time
25
35
45
ns
2
tAVAV
c
tAVAV
c
tRC
Read Cycle Time
25
35
45
ns
3
tAVQV
d
tAA
Address Access Time
25
35
45
ns
4
tGLQV
tOE
Output Enable to Data Valid
12
15
20
ns
5
tAXQX
d
tOH
Output Hold after Address Change
3
3
3
ns
6
tELQX
tLZ
Chip Enable to Output Active
3
3
3
ns
7
tEHQZ
e
tHZ
Chip Disable to Output Inactive
10
13
15
ns
8
tGLQX
tOLZ
Output Enable to Output Active
0
0
0
ns
9
tGHQZ
e
tOHZ
Output Disable to Output Inactive
10
13
15
ns
10
tELICC
b
tPA
Chip Enable to Power Active
0
0
0
ns
11
tEHICC
b
tPS
Chip Disable to Power Standby
25
35
45
ns
Notes
c: W must be high during SRAM READ cycles
d: Device is continuously selected with E and G
both low
e: Measured
± 200mV from steady state output voltage
f: HSB must remain high during READ and WRITE cycles.
SRAM READ CYCLE #1:
Address Controlledc,d,f
SRAM READ CYCLE #2:
E Controlledc,f
DQ (DATA OUT)
ADDRESS
3
tAVQV
5
tAXQX
DATA VALID
2
tAVAV
2
tAVAV
DATA VALID
ADDRESS
DQ (DATA OUT)
ICC
STANDBY
ACTIVE
1
tELQV
6
tELQX
4
tGLQV
8
tGLQX
10
tELICCH
11
tEHICCL
7
tEHQZ
9
tGHQZ
E
G


Podobny numer części - STK14D88-NF45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Simtek Corporation
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF45 SIMTEK-STK14D88-NF45 Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
STK14D88-NF45I SIMTEK-STK14D88-NF45I Datasheet
519Kb / 20P
   32Kx8 Autostore nvSRAM
STK14D88-NF45ITR SIMTEK-STK14D88-NF45ITR Datasheet
564Kb / 19P
   32Kx8 Autostore nvSRAM
More results

Podobny opis - STK14D88-NF45

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
STK14C88 ETC-STK14C88 Datasheet
386Kb / 13P
   32K x 8 AutoStore nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK14C88-M ETC1-STK14C88-M Datasheet
85Kb / 12P
   32K x 8 AUTOSTORE nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK15C88 ETC-STK15C88 Datasheet
75Kb / 9P
   32K x 8 AutoStore nvSRAM High Performance CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK25C48 SIMTEK-STK25C48 Datasheet
310Kb / 10P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK25CA8 ETC-STK25CA8 Datasheet
129Kb / 8P
   128K x 8 AutoStore nvSRAM CMOS Nonvolatile Static RAM Module
STK22C48 ETC1-STK22C48 Datasheet
297Kb / 11P
   2K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK15C68 SIMTEK-STK15C68 Datasheet
382Kb / 10P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
logo
List of Unclassifed Man...
STK12C68 ETC-STK12C68 Datasheet
388Kb / 13P
   8K x 8 AutoStore??nvSRAM QuantumTrap??CMOS Nonvolatile Static RAM
STK12C68-C20 ETC-STK12C68-C20 Datasheet
125Kb / 12P
   8k x 8 AUTOSTORE NVSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
STK11C88 ETC1-STK11C88 Datasheet
90Kb / 9P
   32K x 8 nvSRAM QUANTUM TRAP CMOS NONVOLATILE STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com