Zakładka z wyszukiwarką danych komponentów |
|
HCPL-6630 Arkusz danych(PDF) 9 Page - Agilent(Hewlett-Packard) |
|
HCPL-6630 Arkusz danych(HTML) 9 Page - Agilent(Hewlett-Packard) |
9 / 12 page 9 Notes: 1. Each channel. 2. All devices are considered two-terminal devices; II-O is measured between all input leads or terminals shorted together and all output leads or terminals shorted together. 3. Measured between each input pair shorted together and all output connections for that channel shorted together. 4. Measured between adjacent input pairs shorted together for each multichannel device. 5. tPHL propagation delay is measured from the 50% point on the leading edge of the input pulse to the 1.5 V point on the leading edge of the output pulse. The tPLH propagation delay is measured from the 50% point on the trailing edge of the input pulse to the 1.5 V point on the trailing edge of the output pulse. 6. The HCPL-6630, HCPL-6631, and HCPL-663K dual channel parts function as two independent single channel units. Use the single channel parameter limits for each channel. 7. CML is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic low state (VO < 0.8 V). CMH is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic high state (VO > 2.0 V). 8. This is a momentary withstand test, not an operating condition. 9. It is essential that a bypass capacitor (0.01 to 0.1 µF, ceramic) be connected from V CC to ground. Total lead length between both ends of this external capacitor and the isolator connections should not exceed 20 mm. 10. No external pull up is required for a high logic state on the enable input. 11. The tELH enable propagation delay is measured from the 1.5 V point on the trailing edge of the enable input pulse to the 1.5 V point on the trailing edge of the output pulse. 12. The tEHL enable propagation delay is measured from the 1.5 V point on the leading edge of the enable input pulse to the 1.5 V point on the leading edge of the output pulse. 13. Standard parts receive 100% testing at 25 °C (Subgroups 1 and 9). SMD and 883B parts receive 100% testing at 25, 125, and -55 °C (Subgroups 1 and 9, 2 and 10, 3 and 11, respectively). 14. Parameters are tested as part of device initial characterization and after design and process changes. Parameters are guaranteed to limits specified for all lots not specifically tested. 15. Not required for 6N134, 6N134/883B, 8102801, HCPL-268K and 5962-9800101 types. 16. Required for 6N134, 6N134/883B, 8102801, HCPL-268K and 5962-9800101 types. 17. Not required for HCPL-5650, HCPL-5651 and 8102805 types. 18. Required for HCPL-5650, HCPL-5651 and 8102805 types only. Figure 1. High Level Output Current vs. Temperature. Figure 2. Input-Output Characteristics. Figure 3. Input Diode Forward Characteristic. |
Podobny numer części - HCPL-6630 |
|
Podobny opis - HCPL-6630 |