Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT154 Arkusz danych(PDF) 11 Page - NXP Semiconductors

Numer części 74HCT154
Szczegółowy opis  4-to-16 line decoder/demultiplexer
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT154 Arkusz danych(HTML) 11 Page - NXP Semiconductors

Back Button 74HCT154 Datasheet HTML 7Page - NXP Semiconductors 74HCT154 Datasheet HTML 8Page - NXP Semiconductors 74HCT154 Datasheet HTML 9Page - NXP Semiconductors 74HCT154 Datasheet HTML 10Page - NXP Semiconductors 74HCT154 Datasheet HTML 11Page - NXP Semiconductors 74HCT154 Datasheet HTML 12Page - NXP Semiconductors 74HCT154 Datasheet HTML 13Page - NXP Semiconductors 74HCT154 Datasheet HTML 14Page - NXP Semiconductors 74HCT154 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
2004 Oct 12
11
Philips Semiconductors
Product specification
4-to-16 line decoder/demultiplexer
74HC154; 74HCT154
Type 74HCT154
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb =25 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
1.6
V
VIL
LOW-level input voltage
4.5 to 5.5
1.2
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
4.5
V
IO = −4 mA
4.5
3.98
4.32
V
VOL
LOW-level output voltage VI =VIH or VIL
IO =20 µA
4.5
0
0.1
V
IO =4mA
4.5
0.15
0.25
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±0.1
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0A
5.5
−−
8.0
µA
∆ICC
additional quiescent
supply current per input
VI =VCC − 2.1 V;
IO =0A
4.5 to 5.5
−−
360
µA
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
4.5 to 5.5
2.0
−−
V
VIL
LOW-level input voltage
4.5 to 5.5
−−
0.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
IO = −20 µA
4.5
4.4
−−
V
IO = −4 mA
4.5
3.84
−−
V
VOL
LOW-level output voltage VI =VIH or VIL
IO =20 µA
4.5
−−
0.1
V
IO =4mA
4.5
−−
0.33
V
ILI
input leakage current
VI =VCC or GND
5.5
−−±1.0
µA
ICC
quiescent supply current
VI =VCC or GND;
IO =0A
5.5
−−
80
µA
∆ICC
additional quiescent
supply current per input
VI =VCC − 2.1 V;
IO =0A
4.5 to 5.5
−−
450
µA


Podobny numer części - 74HCT154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT154 PHILIPS-74HCT154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HCT154 NXP-74HCT154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
NXP Semiconductors
74HCT154BQ NXP-74HCT154BQ Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
logo
Nexperia B.V. All right...
74HCT154BQ NEXPERIA-74HCT154BQ Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
More results

Podobny opis - 74HCT154

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
DM74LS154 FAIRCHILD-DM74LS154 Datasheet
52Kb / 5P
   4-Line to 16-Line Decoder/Demultiplexer
MM74C154 FAIRCHILD-MM74C154 Datasheet
51Kb / 6P
   4-Line to 16-Line Decoder/Demultiplexer
logo
STMicroelectronics
M74HC154 STMICROELECTRONICS-M74HC154 Datasheet
170Kb / 8P
   4 TO 16 LINE DECODER/DEMULTIPLEXER
logo
National Semiconductor ...
MM54C154 NSC-MM54C154 Datasheet
101Kb / 4P
   4-Line to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC154 PHILIPS-74HC154 Datasheet
59Kb / 7P
   4-to-16 line decoder/demultiplexer
September 1993
74HC154 NXP-74HC154 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74HC_HCT154 PHILIPS-74HC_HCT154_15 Datasheet
138Kb / 21P
   4-to-16 line decoder/demultiplexer
Rev. 06-12 February 2007
74LV154 PHILIPS-74LV154 Datasheet
131Kb / 12P
   4-to-16 line decoder/demultiplexer
1998 Apr 28
logo
Nexperia B.V. All right...
74HCT154 NEXPERIA-74HCT154 Datasheet
294Kb / 17P
   4-to-16 line decoder/demultiplexer
Rev. 9 - 19 August 2021
logo
Hitachi Semiconductor
HD74HC154 HITACHI-HD74HC154 Datasheet
34Kb / 7P
   4-to-16-line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com