Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD6636 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD6636
Szczegółowy opis  150 MSPS Wideband Digital Down-Converter (DDC)
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD6636 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD6636 Datasheet HTML 7Page - Analog Devices AD6636 Datasheet HTML 8Page - Analog Devices AD6636 Datasheet HTML 9Page - Analog Devices AD6636 Datasheet HTML 10Page - Analog Devices AD6636 Datasheet HTML 11Page - Analog Devices AD6636 Datasheet HTML 12Page - Analog Devices AD6636 Datasheet HTML 13Page - Analog Devices AD6636 Datasheet HTML 14Page - Analog Devices AD6636 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 72 page
background image
AD6636
Rev. 0 | Page 11 of 72
Name
Type
Pin No.
Function
CLKC, CLKD
Input
A6, A5
LVDS Differential Clock for LVDS_C Input Port (LVDS_CLKC+, LVDS_CLKC−).
INA[0:15], INB[0:15]
LVDS Input
See Table 8
In LVDS input mode, INA[0 :15] and INB[0 :15] form a differential pair
LVDS_A+[0:15] (positive node) and LVDS_A–[0:15] (negative node), respectively.
INC[0:15], IND[0:15]
LVDS Input
See Table 8
In LVDS input mode, INC[0 :15] and IND[0 :15] form a differential pair
LVDS_C+[0:15] (positive node) and LVDS_C–[0:15] (negative node), respectively.
OUTPUT PORTS
PCLK
Bidirectional
E16
Parallel Output Port Clock. Master mode output, Slave mode input.
PA[0:15]
Output
See Table 8
Parallel Output Port A Data Bus.
PACH[0:2]
Output
G15, D16, H12
Channel Indicator Output Port A.
PAIQ
Output
H13
Parallel Port A I/Q Data Indicator. Logic 1 indicates I data on data bus.
PAGAIN
Output
G13
Parallel Port A Gain Word Output Indicator. Logic 1 indicates gain word on
data bus.
PAACK
Input
H14
Parallel Port A Acknowledge (Active High).
PAREQ
Output
F15
Parallel Port A Request (Active High).
PB[0:15]
Output
See Table 8
Parallel Output Port B Data Bus.
PBCH[0:2]
Output
C13, D11, B14
Channel Indicator Output Port B.
PBIQ
Output
D12
Parallel Port B I/Q Data Indicator. Logic 1 indicates I data on data bus.
PBGAIN
Output
A14
Parallel Port B Gain Word Output Indicator. Logic 1 indicates gain word on
data bus.
PBACK
Input
E12
Parallel Port B Acknowledge (Active High).
PBREQ
Output
E11
Parallel Port B Request (Active High).
PC[0:15]
Output
See Table 8
Parallel Output Port C Data Bus.
PCCH[0:2]
Output
M15, L14, N15
Channel Indicator Output Port C.
PCIQ
Output
P15
Parallel Port C I/Q Data Indicator. Logic 1 indicates I data on data bus.
PCGAIN
Output
P16
Parallel Port C Gain Word Output Indicator. Logic 1 indicates gain word on
data bus.
PCACK
Input
L13
Parallel Port C Acknowledge (Active High).
PCREQ
Output
R16
Parallel Port C Request (Active High).
MISC PINS
RESET
Input
P3
Master Reset (Active Low).
IRP
Output
T2
Interrupt Pin.
SYNC[0:3]
Input
B12, A12, C10,
B11
Synchronization Inputs. SYNC pins are independent of channels or input ports and
independent of each other.
LVDS_RSET
Input
E4
LVDS Resistor Set Pin (Analog Pin). See Design Notes.
EXT_FILTER
Input
R4
PLL Loop Filter (Analog Pin). See Design Notes.
MICROPORT CONTROL
D[0:15]
Bidirectional
See Table 8
Bidirectional Microport Data. This bus is three-stated when CS is high.
A[0:7]
Input
See Table 8
Microport Address Bus.
DS(RD)
Input
P4
Active Low Data Strobe when MODE = 1.
Active Low Read Strobe when MODE = 0.
DTACK (RDY)1
Output
M6
Active Low Data Acknowledge when MODE = 1.
Microport Status Pin when MODE = 0.
R/W (WR)
Input
N4
Read/Write Strobe when MODE = 1.
Active Low Write Strobe when MODE = 0.
MODE
Input
T3
Mode Select Pin.
When SMODE = 0: Logic 0 = Intel mode; Logic 1 = Motorola mode.
When SMODE = 1: Logic 0 = SPI mode; Logic 1 = SPORT mode.
CS
Input
N5
Active Low Chip Select. Logic 1 three-states the microport data bus.
CPUCLK
Input
R1
Microport CLK Input (Input Only).
CHIPID[0:3]
Input
T4, R5, N6, P6
Chip ID Input Pins.


Podobny numer części - AD6636

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
   150 MSPS, Wideband, Digital Downconverter
REV. A
More results

Podobny opis - AD6636

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
   150 MSPS, Wideband, Digital Downconverter
REV. A
logo
Texas Instruments
GC5016 TI-GC5016 Datasheet
760Kb / 88P
[Old version datasheet]   WIDEBAND QUAD DIGITAL DOWN CONVERTER/ UP CONVERTER
logo
Analog Devices
AD9254S AD-AD9254S Datasheet
2Mb / 26P
   14-BIT, 150 MSPS, 1.8V ANALOG-TO-DIGITAL CONVERTER
REV. B
AD9627-11 AD-AD9627-11_15 Datasheet
4Mb / 72P
   11-Bit, 105 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9627ABCPZ-125 AD-AD9627ABCPZ-125 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS, 1.8 V Dual Analog-to-Digital Converter
REV. B
AD9254 AD-AD9254_15 Datasheet
1Mb / 40P
   14-Bit, 150 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
logo
Intersil Corporation
HSP50016 INTERSIL-HSP50016_00 Datasheet
259Kb / 30P
   Digital Down Converter
HSP50016 INTERSIL-HSP50016 Datasheet
209Kb / 31P
   Digital Down Converter
HSP50016JC-52 INTERSIL-HSP50016JC-52 Datasheet
259Kb / 30P
   Digital Down Converter
September 2000
logo
Renesas Technology Corp
HSP50016 RENESAS-HSP50016 Datasheet
780Kb / 31P
   Digital Down Converter
Aug 4, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com