Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA12379 Arkusz danych(PDF) 8 Page - Ledil, Inc.

Numer części CA12379
Szczegółowy opis  ~35째 15째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12379 Arkusz danych(HTML) 8 Page - Ledil, Inc.

Back Button CA12379_18 Datasheet HTML 3Page - Ledil, Inc. CA12379_18 Datasheet HTML 4Page - Ledil, Inc. CA12379_18 Datasheet HTML 5Page - Ledil, Inc. CA12379_18 Datasheet HTML 6Page - Ledil, Inc. CA12379_18 Datasheet HTML 7Page - Ledil, Inc. CA12379_18 Datasheet HTML 8Page - Ledil, Inc. CA12379_18 Datasheet HTML 9Page - Ledil, Inc. CA12379_18 Datasheet HTML 10Page - Ledil, Inc. CA12379_18 Datasheet HTML 11Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
PRODUCT
DATASHEET
CA12379_TINA2-O
PHOTOMETRIC DATA (SIMULATED):
LED
LUXEON C
FWHM
14.0 + 37.0°
Efficiency
93 %
Peak intensity
4.200 cd/lm
Required components:
LED
LUXEON IR Compact
FWHM
37.0 + 13.0°
Efficiency
82 %
Peak intensity
0.000 cd/lm
Required components:
LED
NFSx757G
FWHM
41.0 + 13.0°
Efficiency
90 %
Peak intensity
4.350 cd/lm
Required components:
LED
NVSxx19B/NVSxx19C
FWHM
39.0 + 17.0°
Efficiency
86 %
Peak intensity
3.300 cd/lm
Required components:
Last update: 15/05/2018
Subject to change without prior notice
8/11
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CA12379_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CA12379 CREE-CA12379 Datasheet
1Mb / 20P
   Tina series
More results

Podobny opis - CA12379_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA11052 LEDIL-CA11052_18 Datasheet
3Mb / 7P
   ~35째 15째 oval beam optimized for CREE XP-E.
FA11200 LEDIL-FA11200 Datasheet
1Mb / 5P
   ~35째 x 15째 oval beam optimized for CREE XP-E
FA11870 LEDIL-FA11870_18 Datasheet
3Mb / 7P
   ~60째 40째 oval beam optimized for CREE XP-E. Assembly with holder and installation tape.
CA12404 LEDIL-CA12404_18 Datasheet
3Mb / 4P
   ~35째 15째 oval beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
FA11203 LEDIL-FA11203_18 Datasheet
3Mb / 6P
   ~35째 x 15째 oval beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
FA10838 LEDIL-FA10838_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA10887 LEDIL-FA10887_18 Datasheet
5Mb / 5P
   ~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11905 LEDIL-FA11905_18 Datasheet
3Mb / 7P
   ~13째 spot beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11824 LEDIL-FA11824_18 Datasheet
2Mb / 7P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
FA11902 LEDIL-FA11902_18 Datasheet
4Mb / 6P
   ~40째 wide beam optimized for CREE XP-E. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com