Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7441BRT Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7441BRT
Szczegółowy opis  Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7441BRT Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7441BRT Datasheet HTML 3Page - Analog Devices AD7441BRT Datasheet HTML 4Page - Analog Devices AD7441BRT Datasheet HTML 5Page - Analog Devices AD7441BRT Datasheet HTML 6Page - Analog Devices AD7441BRT Datasheet HTML 7Page - Analog Devices AD7441BRT Datasheet HTML 8Page - Analog Devices AD7441BRT Datasheet HTML 9Page - Analog Devices AD7441BRT Datasheet HTML 10Page - Analog Devices AD7441BRT Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
REV. PrC
PRELIMINARY TECHNICAL DATA
–7–
AD7451/AD7441
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V
readily accumulate on the human body and test equipment and can discharge without
detection. Although the AD7451/AD7441 features proprietary ESD protection circuitry,
permanent damage may occur on devices subjected to high-energy electrostatic
discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
1
(TA = +25°C unless otherwise noted)
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . -0.3 V to +7 V
VIN+ to GND . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
VIN- to GND . . . . . . . . . . . . . . .
–0.3 V to VDD + 0.3 V
Digital Input Voltage to GND . . . . . . . .
-0.3 V to +7 V
Digital Output Voltage to GND . -0.3 V to VDD + 0.3 V
VREF to GND . . . . . . . . . . . . . . . . . -0.3 V to VDD +0.3 V
Input Current to Any Pin Except Supplies
2
. . . . ±10mA
Operating Temperature Range
Commercial (A, B Version) . . . . . . . . . -40
oC to +85oC
Storage Temperature Range . . . . . . . . . -65
oC to +150oC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . +150
oC
JA Thermal Impedance
. . . . . . . . . . 205.9°C/W (µSOIC)
211.5°C/W (SOT-23)
JC Thermal Impedance
. . . . . . . . .
43.74°C/W (µSOIC)
91.99°C/W (SOT-23)
Lead Temperature, Soldering
Vapor Phase (60 secs) . . . . . . . . . . . . . . . . . . . +215
oC
Infared (15 secs) . . . . . . . . . . . . . . . . . . . . . . . +220
oC
E S D . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.5kV
NOTES
1Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only and functional operation of the device
at these or any other conditions above those listed in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
2Transient currents of up to 100 mA will not cause SCR latch up.
Linearity
Package
Model
Range
Error (LSB)
1
Option
4
Branding Information
AD7451BRT
-40°C to +85°C
±1 LSB
RT-8
T B D
AD7451BRM
-40°C to +85°C
±1 LSB
RM-8
T B D
AD7441BRT
-40°C to +85°C
±0.5 LSB
RT-8
T B D
AD7441BRM
-40°C to +85°C
±0.5 LSB
RM-8
T B D
T B D
Evaluation Board
EVAL-CONTROL BRD2
3
Controller Board
ORDERING GUIDE
NOTES
1Linearity error here refers to Integral Non-linearity Error.
2This can be used as a stand-alone evaluation board or in conjunction with the EVALUATION BOARD CONTROLLER for evaluation/demonstration purposes.
3EVALUATION BOARD CONTROLLER. This board is a complete unit allowing a PC to control and communicate with all Analog Devices
evaluation boards ending in the CB designators. To order a complete Evaluation Kit, you will need to order the ADC evaluation board i.e.
TBD, the EVAL-CONTROL BRD2 and a 12V AC transformer.
See the TBD technote for more information.
4RT = SOT-23;
RM = µSOIC
Figure 3. Load Circuit for Digital Output Timing
Specifications
IOL
1.6mA
IOH
200µA
+1.6V
CL
50pF
TO
OUTPUT
PIN


Podobny numer części - AD7441BRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7441BRTZ-R2 AD-AD7441BRTZ-R2 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441BRTZ-REEL7 AD-AD7441BRTZ-REEL7 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Podobny opis - AD7441BRT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7453 AD-AD7453_17 Datasheet
424Kb / 21P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7453 AD-AD7453 Datasheet
253Kb / 20P
   Pseudo Differential, 555 kSPS, 12-Bit ADC in an 8-Lead SOT-23
REV. 0
AD7453BRTZ-REEL7 AD-AD7453BRTZ-REEL7 Datasheet
531Kb / 20P
   Pseudo Differential, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
   1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7440 AD-AD7440 Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com