Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA13179 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części CA13179
Szczegółowy opis  ~70째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA13179 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  CA13179 Datasheet HTML 1Page - Ledil, Inc. CA13179 Datasheet HTML 2Page - Ledil, Inc. CA13179 Datasheet HTML 3Page - Ledil, Inc. CA13179 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
CA13179_TINA3-WWW
TINA3-WWW
~70° wide beam optimized for LUXEON Rebel
ES. Assembly with holder and installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 16.1 mm
Height
6.8 mm
Fastening
tape
Colour
white
Box size
451 x 241 x 298 mm
Box weight
9 kg
Quantity in Box
5750 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TINA3-WWW
Lens
PMMA
clear
TINA3-HLD-RE-ES-TAPE
Holder
PC
white
TINA-TAPE3
Tape
PU tape
black
Last update: 15/05/2018
Subject to change without prior notice
1/4
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CA13179

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CA13177 CREE-CA13177 Datasheet
2Mb / 37P
   Rita series
logo
Ledil, Inc.
CA13177 LEDIL-CA13177 Datasheet
5Mb / 9P
   Asymmetric beam for wall washing
CA13178 LEDIL-CA13178 Datasheet
2Mb / 4P
   ~55째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
More results

Podobny opis - CA13179

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA13100 LEDIL-CA13100 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
CA13178 LEDIL-CA13178 Datasheet
2Mb / 4P
   ~55째 wide beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11211 LEDIL-FA11211_18 Datasheet
2Mb / 5P
   ~50째 wide beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
CA13180 LEDIL-CA13180 Datasheet
2Mb / 4P
   ~60째 x 40째 oval beam optimized for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11212 LEDIL-FA11212_18 Datasheet
3Mb / 5P
   ~13째 spot beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
CA12394 LEDIL-CA12394 Datasheet
2Mb / 4P
   ~40째 wide beam optimized for LUXEON Rebel ES. 14.8 mm high assembly with installation tape.
FA12040 LEDIL-FA12040 Datasheet
2Mb / 4P
   ~30째 medium beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
FA12038 LEDIL-FA12038 Datasheet
2Mb / 4P
   ~13째 spot beam designed for LUXEON Rebel ES. Assembly with holder and installation tape.
FA11210 LEDIL-FA11210_18 Datasheet
3Mb / 5P
   ~30° medium beam optimized for LUXEON Rebel. Assembly with holder and installation tape.
17/05/2018
CA12428 LEDIL-CA12428 Datasheet
6Mb / 7P
   ~70째 wide beam. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com