Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADN2870ACPZ-RL7 Arkusz danych(PDF) 9 Page - Analog Devices

Numer części ADN2870ACPZ-RL7
Szczegółowy opis  3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADN2870ACPZ-RL7 Arkusz danych(HTML) 9 Page - Analog Devices

Back Button ADN2870ACPZ-RL7 Datasheet HTML 5Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 6Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 7Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 8Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 9Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 10Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 11Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 12Page - Analog Devices ADN2870ACPZ-RL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADN2870
Rev. 0 | Page 9 of 20
PERFORMANCE CHARACTERISTICS
90
0
30
60
040
80
20
60
100
MODULATION CURRENT (mA)
Figure 11. Rise Time vs. Modulation Current, Ibias = 20 mA
0
20
40
60
80
040
80
20
60
100
MODULATION CURRENT (mA)
Figure 12. Fall Time vs. Modulation Current, Ibias = 20 mA
0
45
40
35
30
25
20
15
10
5
20
40
80
60
100
MODULATION CURRENT (mA)
Figure 13. Deterministic Jitter vs. Modulation Current, Ibias = 20 mA
0
1.2
1.0
0.8
0.6
0.4
0.2
0
2040
6080
1
MODULATION CURRENT (mA)
00
Figure 14. Random Jitter vs. Modulation Current, Ibias = 20 mA
40
250
190
220
160
130
100
70
0
2040
6080
1
MODULATION CURRENT (mA)
00
IBIAS = 20mA
IBIAS = 40mA
IBIAS = 80mA
Figure 15. Total Supply Current vs. Modulation Current
Total Supply Current = ICC + Ibias + Imod
20
60
55
50
45
40
35
30
25
–50
–30
–10
10
30
50
70
90
110
TEMPERATURE (
°C)
Figure 16. Supply Current (ICC) vs. Temperature with ALS Asserted,
Ibias = 20 mA


Podobny numer części - ADN2870ACPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
More results

Podobny opis - ADN2870ACPZ-RL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADN2847 AD-ADN2847_15 Datasheet
502Kb / 16P
   3.3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. B
ADN2872 AD-ADN2872 Datasheet
588Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2870 AD-ADN2870_15 Datasheet
705Kb / 20P
   3.3 V Dual-Loop, 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. A
ADN2847 AD-ADN2847 Datasheet
1Mb / 12P
   3 V Dual-Loop 50 Mbps to 3.3 Gbps Laser Diode Driver
REV. 0
ADN2848 AD-ADN2848_15 Datasheet
347Kb / 12P
   3.3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. B
ADN2871 AD-ADN2871_15 Datasheet
768Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. A
ADN2871 AD-ADN2871 Datasheet
797Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps Single-Loop Laser Diode Driver
REV. 0
ADN2873 AD-ADN2873 Datasheet
625Kb / 20P
   3.3 V, 50 Mbps to 4.25 Gbps, Single-Loop, Laser Diode Driver
REV. 0
ADN2841 AD-ADN2841_15 Datasheet
346Kb / 16P
   Dual-Loop, 50 Mbps to 2.7 Gbps Laser Diode Driver
REV. B
ADN2848 AD-ADN2848 Datasheet
254Kb / 12P
   3 V Dual-Loop 50 Mbps to 1.25 Gbps Laser Diode Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com