Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSP-2196 Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADSP-2196
Szczegółowy opis  DSP Microcomputer
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADSP-2196 Arkusz danych(HTML) 2 Page - Analog Devices

  ADSP-2196 Datasheet HTML 1Page - Analog Devices ADSP-2196 Datasheet HTML 2Page - Analog Devices ADSP-2196 Datasheet HTML 3Page - Analog Devices ADSP-2196 Datasheet HTML 4Page - Analog Devices ADSP-2196 Datasheet HTML 5Page - Analog Devices ADSP-2196 Datasheet HTML 6Page - Analog Devices ADSP-2196 Datasheet HTML 7Page - Analog Devices ADSP-2196 Datasheet HTML 8Page - Analog Devices ADSP-2196 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
For current information contact Analog Devices at 800/262-5643
ADSP-2196
September 2001
This information applies to a product under development. Its characteristics and specifications are subject to change with-
out notice. Analog Devices assumes no obligation regarding future manufacturing unless otherwise agreed to in writing.
2
REV. PrA
35(/,0,1$5< 7(&+1,&$/ '$7$
ADSP-2196 DSP FEATURES
16K Words of On-Chip RAM, Configured as 8K Words
On-Chip 24-bit RAM and 8K Words On-Chip 16-bit RAM
16K Words of On-Chip 24-bit ROM
Architecture Enhancements beyond ADSP-218x Family
are Supported with Instruction Set Extensions for
Added Registers, Ports, and Peripherals
Flexible Power Management with Selectable
Power-Down and Idle Modes
Programmable PLL Supports 1
to 32
Frequency
Multiplication, Enabling Full-Speed Operation from
Low-Speed Input Clocks
2.5 V Internal Operation Supports 3.3 V Compliant I/O
Three Full-Duplex Multichannel Serial Ports, Each
Supporting H.100 Standard with A-Law and
-Law
Companding in Hardware
Two SPI-Compatible Ports with DMA Capability
One UART Port with DMA Capability
16 General-Purpose I/O Pins (Eight Dedicated/Eight
Programmable from the External Memory Interface)
with Integrated Interrupt Support
Three Programmable 32-Bit Interval Timers with
Pulsewidth Counter, PWM Generation, and Externally
Clocked Timer Capabilities
Up to 11 DMA Channels can be Active at any Given Time
Host Port With DMA Capability for Efficient, Glueless Host
Interface (16-Bit Transfers)
External Memory Interface Features Include:
Direct Access from the DSP to External Memory for
Data and Instructions.
Support for DMA Block Transfers to/from
External Memory.
Separate Peripheral Memory Space with Parallel
Support for 224K External 16-Bit Registers.
Four General-Purpose Memory Select Signals that
Provide Access to Separate Banks of External
Memory. Bank Boundaries and Size Are User-
Programmable.
Programmable Waitstate Logic with ACK Signal and
Separate Read and Write Wait Counts. Wait Mode
Completion Supports All Combinations of ACK
and/or Wait Count.
I/O Clock Rate Can Be Set to the Peripheral Clock Rate
Divided by 1, 2, 4, 16, or 32 to Allow Interface to Slow
Memory Devices.
Address Translation and Data Word Packing is Provided
to Support an 8- or 16-Bit External Data Bus.
Programmable Read and Write Strobe Polarity.
Separate Configuration Registers for the Four
General-Purpose, Peripheral, and Boot
Memory Spaces.
Bus Request and Grant Signals Support the Use of the
External Bus by an External Device.
Boot Methods Include Booting Through External Memory
Interface, SPI Ports, UART Port, or Host Interface
IEEE JTAG Standard 1149.1 Test Access Port Supports
On-Chip Emulation and System Debugging
144-Lead LQFP Package (20
20
1.4 mm) and 144-Lead
Mini-BGA Package (10
10
1.25 mm)


Podobny numer części - ADSP-2196

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2196MBCA-140X AD-ADSP-2196MBCA-140X Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
ADSP-2196MBST-140X AD-ADSP-2196MBST-140X Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
ADSP-2196MKCA-160X AD-ADSP-2196MKCA-160X Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
ADSP-2196MKST-160X AD-ADSP-2196MKST-160X Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
ADSP-2196MKSTZ-160 AD-ADSP-2196MKSTZ-160 Datasheet
1Mb / 68P
   DSP Microcomputer
REV. PrA
More results

Podobny opis - ADSP-2196

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com