Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS1602IPFBRG4 Arkusz danych(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS1602IPFBRG4
Szczegółowy opis  16-Bit, 2.5MSPS Analog-to-Digital Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS1602IPFBRG4 Arkusz danych(HTML) 3 Page - Burr-Brown (TI)

  ADS1602IPFBRG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS1602IPFBRG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
ADS1602
SBAS341B − DECEMBER 2004 − REVISED APRIL 2005
www.ti.com
3
ELECTRICAL CHARACTERISTICS
All specifications at TA = −40°C to +85°C, AVDD = 5V, DVDD = IOVDD = 3V, fCLK = 40MHz, External VREF = +3V, VCM = +1.45V,
and RBIAS = 37kΩ, unless otherwise noted.
ADS1602
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Input
Differential input voltage (VIN)
(AINP − AINN)
0dBFS
±VREF
V
Common-mode input voltage (VCM)
(AINP + AINN) / 2
1.45
V
Absolute input voltage
(AINP or AINN with respect to AGND)
−0.1
4.6
V
Dynamic Specifications
Data Rate
2.50
f
CLK
40MHz
MSPS
fIN = 10kHz, −1dBFS
92
dB
fIN = 10kHz, −3dBFS
87
90
dB
fIN = 10kHz, −6dBFS
84
87
dB
fIN = 100kHz, −1dBFS
91
dB
Signal-to-noise ratio (SNR)
fIN = 100kHz, −3dBFS
87
89
dB
Signal-to-noise ratio (SNR)
fIN = 100kHz, −6dBFS
84
86
dB
fIN = 800kHz, −1dBFS
91
dB
fIN = 800kHz, −3dBFS
89
dB
fIN = 800kHz, −6dBFS
86
dB
fIN = 10kHz, −1dBFS
−94
dB
fIN = 10kHz, −3dBFS
−106
−92
dB
fIN = 10kHz, −6dBFS
−108
−93
dB
fIN = 100kHz, −1dBFS
−90
dB
Total harmonic distortion (THD)
fIN = 100kHz, −3dBFS
−96
−90
dB
Total harmonic distortion (THD)
fIN = 100kHz, −6dBFS
−101
−92
dB
fIN = 800kHz, −1dBFS
−116
dB
fIN = 800kHz, −3dBFS
−114
dB
fIN = 800kHz, −6dBFS
−110
dB
fIN = 10kHz, −1dBFS
89
dB
fIN = 10kHz, −3dBFS
85
90
dB
fIN = 10kHz, −6dBFS
82
87
dB
fIN = 100kHz, −1dBFS
87
dB
Signal-to-noise + distortion (SINAD)
fIN = 100kHz, −3dBFS
85
88
dB
Signal-to-noise + distortion (SINAD)
fIN = 100kHz, −6dBFS
82
86
dB
fIN = 800kHz, −1dBFS
91
dB
fIN = 800kHz, −3dBFS
89
dB
fIN = 800kHz, −6dBFS
86
dB
fIN = 10kHz, −1dBFS
95
dB
fIN = 10kHz, −3dBFS
90
107
dB
fIN = 10kHz, −6dBFS
93
112
dB
fIN = 100kHz, −1dBFS
91
dB
Spurious-free dynamic range (SFDR)
fIN = 100kHz, −3dBFS
90
96
dB
Spurious-free dynamic range (SFDR)
fIN = 100kHz, −6dBFS
93
103
dB
fIN = 800kHz, −1dBFS
120
dB
fIN = 800kHz, −3dBFS
119
dB
fIN = 800kHz, −6dBFS
114
dB
Intermodulation distortion (IMD)
f1 = 995kHz, −6dBFS
94
dB
Intermodulation distortion (IMD)
f2 = 1005kHz, −6dBFS
94
dB
Aperture delay
4
ns


Podobny numer części - ADS1602IPFBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1602IPFBRG4 TI1-ADS1602IPFBRG4 Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
More results

Podobny opis - ADS1602IPFBRG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS1602 TI1-ADS1602 Datasheet
778Kb / 29P
[Old version datasheet]   16-Bit, 2.5MSPS Analog-to-Digital Converter
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com