Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS5220PFBT Arkusz danych(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS5220PFBT
Szczegółowy opis  12-Bit, 40MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5220PFBT Arkusz danych(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS5220PFBT Datasheet HTML 2Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 3Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 4Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 5Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 6Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 7Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 8Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 9Page - Burr-Brown (TI) ADS5220PFBT Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADS5220
6
SBAS261A
www.ti.com
TYPICAL CHARACTERISTICS: AVDD = 3.3V
TMIN = –40°C, TMAX = +85°C, typical values are at TA = +25°C, sampling rate = 40MSPS, 50% clock duty cycle, AVDD = 3.3V, DVDD = 3.3V, VDRV = 2.5V, –1dBFS,
DCA off, internal reference voltage, and 2VPP differential input, unless otherwise noted.
SPECTRAL PERFORMANCE
(Differential, 2V
PP)
Frequency (MHz)
0
20
40
60
80
100
120
0
2
4
6
8
1012
1416
18
20
f
IN = 2.4MHz (−1dBFS)
SFDR = 88.2dBFS
SNR = 70.0dBFS
SINAD = 69.9dBFS
SPECTRAL PERFORMANCE
(Differential, 2V
PP)
Frequency (MHz)
0
20
40
60
80
100
120
0
2
4
6
8
1012
1416
18
20
f
IN = 9.7MHz (−1dBFS)
SFDR = 88.4dBFS
SNR = 69.8dBFS
SINAD = 69.7dBFS
SPECTRAL PERFORMANCE
EXTERNAL REFERENCE
(Differential, 2V
PP)
Frequency (MHz)
0
20
40
60
80
100
120
0
2
4
6
8
1012
1416
18
20
f
IN = 9.7MHz (−1dBFS)
SFDR = 88.7dBFS
SNR = 69.3dBFS
SINAD = 69.1dBFS
SPECTRAL PERFORMANCE
PROGRAMMED REFERENCE
(Differential, 1.5V
PP)
Frequency (MHz)
0
20
40
60
80
100
120
0
2
4
6
8
1012
1416
18
20
f
IN = 2.4MHz (−1dBFS)
SFDR = 88.8dBFS
SNR = 70.0dBFS
SINAD = 70.0dBFS
SPECTRAL PERFORMANCE
(Differential, 1V
PP)
Frequency (MHz)
0
20
40
60
80
100
120
0
2
4
6
8
1012
1416
18
20
f
IN = 9.7MHz (−1dBFS)
SFDR = 84.9dBFS
SNR = 67.4dBFS
SINAD = 67.3dBFS
SPECTRAL PERFORMANCE
(Single-Ended, 1V
PP)
Frequency (MHz)
0
20
40
60
80
100
120
0
2
4
6
8
1012
1416
18
20
f
IN = 9.7MHz (−1dBFS)
SFDR = 84.0dBFS
SNR = 67.1dBFS
SINAD = 66.9dBFS


Podobny numer części - ADS5220PFBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221PFBR TI-ADS5221PFBR Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221PFBT TI-ADS5221PFBT Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221RGZ TI-ADS5221RGZ Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
ADS5221RGZR TI-ADS5221RGZR Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS5220PFBT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5231 BURR-BROWN-ADS5231 Datasheet
571Kb / 26P
   Dual, 12-Bit, 40MSPS, 3.3V Analog-to-Digital Converter
logo
Texas Instruments
ADS5221 TI-ADS5221 Datasheet
367Kb / 19P
[Old version datasheet]   12-Bit, 65MSPS Sampling, 3.3V ANALOG-TO-DIGITAL CONVERTER
DAC2932 TI1-DAC2932 Datasheet
829Kb / 29P
[Old version datasheet]   Dual, 12-Bit, 40MSPS Digital-to-analog Converter
logo
Burr-Brown (TI)
DAC2932 BURR-BROWN-DAC2932 Datasheet
343Kb / 24P
   DUAL 12-BIT 40MSPS DIGITAL TO ANALOG CONVERTER
logo
Texas Instruments
ADS5270 TI1-ADS5270_13 Datasheet
1Mb / 31P
[Old version datasheet]   8-Channel, 12-Bit, 40MSPS Analog-to-Digital Converter
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com