Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADM4851AR-REEL Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADM4851AR-REEL
Szczegółowy opis  5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADM4851AR-REEL Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADM4851AR-REEL Datasheet HTML 3Page - Analog Devices ADM4851AR-REEL Datasheet HTML 4Page - Analog Devices ADM4851AR-REEL Datasheet HTML 5Page - Analog Devices ADM4851AR-REEL Datasheet HTML 6Page - Analog Devices ADM4851AR-REEL Datasheet HTML 7Page - Analog Devices ADM4851AR-REEL Datasheet HTML 8Page - Analog Devices ADM4851AR-REEL Datasheet HTML 9Page - Analog Devices ADM4851AR-REEL Datasheet HTML 10Page - Analog Devices ADM4851AR-REEL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM4850–ADM4857
Rev. 0 | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RO
1
VCC
8
DI
4
GND
5
ADM4850/
ADM4851/
ADM4852/
ADM4853
TOP VIEW
(Not to Scale)
RE
2
B
7
DE
A
6
3
Figure 2. ADM4850–ADM4853 Pin Configuration
Table 8. ADM4850–ADM4853 Pin Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When enabled, if (A−B) ≥ −30 mV, then RO = high.
If (A−B) ≤ −200 mV, then RO = low.
2
RE
Receiver Output Enable.
A low level enables the receiver output, RO.
A high level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables the driver differential inputs A and B.
A low level places it in a high impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high,
while a logic high on DI forces A high and B low.
5
GND
Ground.
6
A
Noninverting Receiver Input A/Driver Output A.
7
B
Inverting Receiver Input B/Driver Output B.
8
VCC
5 V Power Supply.
VCC 1
A
8
GND
4
Y
5
ADM4854/
ADM4855/
ADM4856/
ADM4857
TOP VIEW
(Not to Scale)
RO
2
B
7
DI
Z
6
3
Figure 3. ADM4854–ADM4857 Pin Configuration
Table 9. ADM4854–ADM4857 Pin Descriptions
Pin No.
Mnemonic
Description
1
VCC
5 V Power Supply.
2
RO
Receiver Output. When enabled, if (A−B) ≥ −30 mV, then RO = high.
If (A−B) ≤ −200 mV, then RO = low.
3
DI
Driver Input. When the driver is enabled, a logic low on DI forces Y low and Z high,
while a logic high on DI forces Y high and Z low.
4
GND
Ground.
5
Y
Driver Noninverting Output.
6
Z
Driver Inverting Output.
7
B
Receiver Inverting Input.
8
A
Receiver Noninverting Input.


Podobny numer części - ADM4851AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM4851ARZ AD-ADM4851ARZ Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4851ARZ AD-ADM4851ARZ Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851ARZ-REEL7 AD-ADM4851ARZ-REEL7 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4851ARZ-REEL7 AD-ADM4851ARZ-REEL7 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
More results

Podobny opis - ADM4851AR-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com