Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDRH104RT125NP-221MC Arkusz danych(PDF) 2 Page - Sumida Corporation

Numer części CDRH104RT125NP-221MC
Szczegółowy opis  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH104RT125NP-221MC Arkusz danych(HTML) 2 Page - Sumida Corporation

  CDRH104RT125NP-221MC Datasheet HTML 1Page - Sumida Corporation CDRH104RT125NP-221MC Datasheet HTML 2Page - Sumida Corporation CDRH104RT125NP-221MC Datasheet HTML 3Page - Sumida Corporation CDRH104RT125NP-221MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Power Inductor
CDRH104R/T125
Page 2 of 4
Revised: 2-Feb-18
Electrical Characteristics
※ 1 Measuring condition: at 100kHz.
※ 2 (
) are typical value.
※ 3 Saturation current: The value of D.C. current when the inductance decreases to 65
% of it’s nominal value.
※ 4 Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
Part No.
Stamp
Inductance
(
μH)
[Within]
※1
D.C.R.
(Ω) [Max.]
(at 20℃)
※2
Rated current (A)
Saturation current (A) ※3
Temperature
rise current
(A) ※4
(at 20℃)
(at 125℃)
(Typ.)
CDRH104RT125NP-1R4PC
1R4
1.4±25%
9.0m(7.2m)
9.20
7.36
7.80
CDRH104RT125NP-2R2PC
2R2
2.2±25%
11.0m(8.8m)
8.00
6.16
7.10
CDRH104RT125NP-3R6PC
3R6
3.6±25%
14.0m(11.2m)
6.07
5.00
6.20
CDRH104RT125NP-4R7PC
4R7
4.7±25%
19.1m(15.3m)
5.57
4.60
5.20
CDRH104RT125NP-6R8PC
6R8
6.8±25%
25.6m(20.5m)
4.66
3.94
4.40
CDRH104RT125NP-100MC
100
10±20%
36.8m(29.5m)
4.10
3.46
3.50
CDRH104RT125NP-150MC
150
15±20%
48.1m(38.5m)
3.34
2.80
2.90
CDRH104RT125NP-220MC
220
22±20%
70.0m(56.0m)
2.56
2.18
2.30
CDRH104RT125NP-330MC
330
33±20%
93.8m(75.0m)
2.14
1.80
2.05
CDRH104RT125NP-470MC
470
47±20%
136m(109m)
1.80
1.51
1.68
CDRH104RT125NP-680MC
680
68±20%
216m(173m)
1.57
1.32
1.25
CDRH104RT125NP-101MC
101
100±20%
300m(240m)
1.30
1.10
1.05
CDRH104RT125NP-151MC
151
150±20%
448m(358m)
1.00
0.85
0.86
CDRH104RT125NP-221MC
221
220±20%
694m(555m)
0.85
0.72
0.68
CDRH104RT125NP-331MC
331
330±20%
1.06(850m)
0.70
0.58
0.56


Podobny numer części - CDRH104RT125NP-221MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDRH104RT125NP-221MC SUMIDA-CDRH104RT125NP-221MC Datasheet
167Kb / 4P
   Power Inductor
CDRH104RT125NP-221MC SUMIDA-CDRH104RT125NP-221MC Datasheet
166Kb / 4P
   SMD Power Inductor
More results

Podobny opis - CDRH104RT125NP-221MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com