Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CX72301-11 Arkusz danych(PDF) 8 Page - List of Unclassifed Manufacturers

Numer części CX72301-11
Szczegółowy opis  Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

CX72301-11 Arkusz danych(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button CX72301-11 Datasheet HTML 4Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 5Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 6Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 7Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 8Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 9Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 10Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 11Page - List of Unclassifed Manufacturers CX72301-11 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
DATA SHEET • CX72301
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
July 21, 2004 • Skyworks Proprietary and Confidential information • Products and Product Information are Subject to Change Without Notice • 101090H
Modulation data samples in the Modulation Data Register can be
from 2 to 12 bits long, and enable the user to select how many
distinct frequency steps are to be used for the desired modulation
scheme.
The user can also control the frequency deviation through the
modulation data magnitude offset in the Modulation Control
Register. This allows shifting of the modulation data to
accomplish a 2m multiplication of frequency deviation.
NOTE: The programmable range of –0.5 to +0.5 of the main
∆Σ modulator can be exceeded up to the condition
where the sum of the dividend and the modulation data
conform to the following relationship:
-0.5625
N
mod
dividend
+ 0.5625
When the sum of the dividend and modulation data lie outside this
range, the value of Ninteger must be changed.
For a more detailed description of direct digital modulation
functionality, refer to the Skyworks Application Note, Direct Digital
Modulation Using the CX72300, CX72301, and CX72302 Dual
Synthesizers/PLLs (document number 101349).
Register Descriptions
This section describes the CX72301 registers. All register writes
are programmed address first, followed directly with data. MSBs
are entered first. On power-up, all registers are reset to 0x000
except registers at address 0x0 and 0x3, which are set to 0x006.
Table 1 provides a description for each of the CX72301 device
registers. For more information on register loading, refer to the
Synthesizer Register Programming section in this document.
Synthesizer Registers
Main Synthesizer Registers. The Main Divider Register contains
the integer portion closest to the desired fractional-N (or the
integer-N) value minus 32 for the main synthesizer. This register,
in conjunction with the Main Dividend Registers (which control the
fraction offset from –0.5 to +0.5), allows selection of a precise
frequency. As shown in Figure 6, the value to be loaded is:
• Main Synthesizer Divider Index = 9-bit value for the integer
portion of the main synthesizer dividers. Valid values for this
register are from 6 to 505 (fractional-N) or 0 to 511 (integer-N).
The Main Dividend MSB and LSB Registers control the fraction
part of the desired fractional-N value and allow an offset of –0.5
to + 0.5 to the main integer selected through the Main Divider
Register. As shown in Figures 7 and 8, values to be loaded are:
• Main Synthesizer Dividend (MSBs) = 10-bit value for the MSBs
of the 18-bit dividend for the main synthesizer.
• Main Synthesizer Dividend (LSBs) = 8-bit value for the LSBs of
the 18-bit dividend for the main synthesizer.
The Main Dividend MSB and LSB Register values are 2's
complement format.
NOTE: When in 10-bit mode, the Main Synthesizer Dividend
(LSBs) is not required.
For information on programming and loading order for these
registers, see the Operation section of this document.
Table 1. CX72301 Register Map
Address (Hex)
Register (Note 1)
Length (Bits)
Address (Bits)
0
Main Divider Register
12
4
1
Main Dividend MSB Register
12
4
2
Main Dividend LSB Register
12
4
3
Auxiliary Divider Register
12
4
4
Auxiliary Dividend Register
12
4
5
Reference Frequency Dividers Register
12
4
6
Control Register—phase detector/charge pumps
12
4
7
Control Register—power down/multiplexer output select
12
4
8
Modulation Control Register
12
4
9
Modulation Data Register
Modulation Data Register (Note 2) — direct input
12
2
≤ length ≤ 12 bits
4
0
Note 1: All registers are write only.
Note 2: No address bits are required for modulation data. Any serial data between 2 and 12 bits long is considered modulation data.


Podobny numer części - CX72301-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
More results

Podobny opis - CX72301-11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Skyworks Solutions Inc.
SKY72301-22 SKYWORKS-SKY72301-22 Datasheet
168Kb / 21P
   Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
SKY72302 SKYWORKS-SKY72302 Datasheet
166Kb / 21P
   Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
   CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
Skyworks Solutions Inc.
SKY72300-21 SKYWORKS-SKY72300-21 Datasheet
166Kb / 23P
   SKY72300-21: Spur-Free, 2.1 GHz Dual Fractional-N Frequency Synthesizer
SKY72302-21 SKYWORKS-SKY72302-21 Datasheet
180Kb / 23P
   SKY72302-21: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
List of Unclassifed Man...
SKY72310 ETC2-SKY72310 Datasheet
210Kb / 19P
   SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4156 AD-ADF4156 Datasheet
421Kb / 24P
   6 GHz Fractional-N Frequency Synthesizer
REV. 0
ADF4156 AD-ADF4156_15 Datasheet
393Kb / 24P
   6.2 GHz Fractional-N Frequency Synthesizer
Rev. E
ADF4251 AD-ADF4251_15 Datasheet
440Kb / 28P
   Dual Fractional-N/Integer-N Frequency Synthesizer
REV. 0
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com