Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MDA4-752H Arkusz danych(PDF) 2 Page - Mini-Circuits

Numer części MDA4-752H
Szczegółowy opis  Wideband Double Balanced Mixer-Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

MDA4-752H Arkusz danych(HTML) 2 Page - Mini-Circuits

  MDA4-752H Datasheet HTML 1Page - Mini-Circuits MDA4-752H Datasheet HTML 2Page - Mini-Circuits MDA4-752H Datasheet HTML 3Page - Mini-Circuits MDA4-752H Datasheet HTML 4Page - Mini-Circuits MDA4-752H Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMIC Surface Mount
Wideband Double Balanced Mixer-Amplifier
Page 2 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
simplified schematic and bonding pad despcription
Function
Pad Number
Description
Mixer-RF
2
RF input to mixer
Mixer-LO
22
LO input to mixer
Mixer-IF
4
IF output from mixer
LO AMP-IN
17
LO Amplifier input
LO AMP-OUT
20
LO Amplifier output & DC-IN
IF AMP-IN
6
IF Amplifier input
IF AMP-OUT
8
IF Amplifier output & DC-IN
GND
7, Paddle
Connect to Ground
NC
1, 3,5,9-16,18,19,21,23,24
No connection, not used, ground externally
Product Features
• Wide bandwidth 2200 to 7500 MHz
• High L-I Isolation, 61 dB typ. at 4 GHz
• Operates with low LO power, 0 dBm
• Small Size 4 mm x 4mm x 1mm
• Aqueous washable
REV. A
M151107
MDA4-752H+
RS/TH/CP
150921
General Description
MDA4-752H+ is a multi-chip module incorporating a mixer (InGap HBT), LO amplifer (InGap HBT) and
IF amplifier (E-PHEMT) dice in as single package. It has flat conversion gain over a broad frequency
range and with high IP3. In addition, the MDA4-752H+ has good input and output return loss over a broad
frequency range without the need for external matching components. It is packaged in a tiny 4x4 mm
MCLP package with tin-silver over nickel plating passing tin whisker testing.
Typical Applications
• Satellite down converters
• Defense radar & communication
• VSAT
• Aeronautical
MDA4-752H+
Level 0 (LO Power 0dBm) 2200-7500 MHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
CASE STYLE: DG1847


Podobny numer części - MDA4-752H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Eaton All Rights Reserv...
MDA EATON-MDA Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1 COOPER-MDA-1 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
MDA-1-1/2-R COOPER-MDA-1-1/2-R Datasheet
280Kb / 2P
   1/4? x 1 1/4? Ceramic Tube Fuses
logo
Eaton All Rights Reserv...
MDA-1-1/2-R EATON-MDA-1-1/2-R Datasheet
344Kb / 2P
   Time-delay ceramic tube fuses
logo
Cooper Bussmann, Inc.
MDA-1-12 COOPER-MDA-1-12 Datasheet
109Kb / 2P
   MDA Series, Time Delay, Ceramic Tube
More results

Podobny opis - MDA4-752H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
MDB-44H MINI-MDB-44H Datasheet
231Kb / 5P
   Wideband Double Balanced Mixer
MDB-54H MINI-MDB-54H Datasheet
400Kb / 5P
   Wideband Double Balanced Mixer
REV. OR
MDB-24H-D MINI-MDB-24H-D Datasheet
290Kb / 7P
   Wideband Double Balanced Mixer Die
MDB-73H-D MINI-MDB-73H-D Datasheet
386Kb / 7P
   Wideband Double Balanced Mixer Die
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com