Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4639 Arkusz danych(PDF) 28 Page - Linear Technology

Numer części LTM4639
Szczegółowy opis  Ultrathin, Triple Output, Step-Down 關Module Regulator for DDR-QDR4 Memory
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4639 Arkusz danych(HTML) 28 Page - Linear Technology

Back Button LTM4639 Datasheet HTML 20Page - Linear Technology LTM4639 Datasheet HTML 21Page - Linear Technology LTM4639 Datasheet HTML 22Page - Linear Technology LTM4639 Datasheet HTML 23Page - Linear Technology LTM4639 Datasheet HTML 24Page - Linear Technology LTM4639 Datasheet HTML 25Page - Linear Technology LTM4639 Datasheet HTML 26Page - Linear Technology LTM4639 Datasheet HTML 27Page - Linear Technology LTM4639 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
LTM4632
28
4632fc
For more information www.linear.com/LTM4632
LINEAR TECHNOLOGY CORPORATION 2016
LT 0517 REV C • PRINTED IN USA
www.linear.com/LTM4632
RELATED PARTS
PACKAGE PHOTO
DESIGN RESOURCES
SUBJECT
DESCRIPTION
µModule Design and Manufacturing Resources
Design:
• Selector Guides
• Demo Boards and Gerber Files
• Free Simulation Tools
Manufacturing:
• Quick Start Guide
• PCB Design, Assembly and Manufacturing Guidelines
• Package and Board Level Reliability
µModule Regulator Products Search
1. Sort table of products by parameters and download the result as a spread sheet.
2. Search using the Quick Power Search parametric table.
TechClip Videos
Quick videos detailing how to bench test electrical and thermal performance of µModule products.
Digital Power System Management
Linear Technology’s family of digital power supply management ICs are highly integrated solutions that
offer essential functions, including power supply monitoring, supervision, margining and sequencing,
and feature EEPROM for storing user configurations and fault logging.
PART NUMBER DESCRIPTION
COMMENTS
LTM4622
Ultrathin, Dual 2.5A or Single 5A Step-Down µModule
Regulator
3.6V < VIN < 20V, 0.6V < VOUT < 5.5V, 6.25mm × 6.25mm × 1.82mm LGA
Package, 6.25mm × 6.25mm × 2.42 BGA Package
LTM4623
Ultrathin, Single 3A Step-Down µModule Regulator
4V ≤ VIN ≤ 20V, 0.6V ≤ VOUT ≤ 5.5V, 6.25mm × 6.25mm × 1.82mm LGA Package,
6.25mm × 6.25mm × 2.42 BGA Package
LTM4644
Quad 4A Step-Down µModule Regulator
4V < VIN < 14V, 0.6V < VOUT < 5.5V, 9mm × 15mm × 5.01mm BGA Package
LTM4630
µModule Regulator for Higher Power VDDQ Supply
4.5V < VIN < 15V, 0.6V <VOUT <1.8V, Single 36A or Dual 18A, 16mm × 16mm ×
5.01mm BGA Package, 16mm × 16mm × 4.41mm LGA Package
LTM4650
µModule Regulator for High Power FPGA/ASIC
Core Supply
4.5V < VIN < 15V, 0.6V <VOUT <1.8V, Single 50A or Dual 25A, 16mm × 16mm ×
5.01mm BGA Package
LTM4639
Low Input Voltage, Single 20A Step-Down µModule
Regulator
2.375V < VIN < 7V, 0.6V < VOUT < 5.5V, 15mm × 15mm × 4.92mm BGA Package
LTM4675
µModule Regulator with PSM for High Power, High
Accuracy FPGA/ASIC Core Supply
DC/DC µModule with Digital Power System Management, 4.5V < VIN < 17V,
0.5V < VOUT < 5.5V with ±0.5% Accuracy, Single 18A or Dual 9A
LTM4677
µModule Regulator with PSM for High Power, High
Accuracy FPGA/ASIC Core Supply
DC/DC µModule with Digital Power System Management, 4.5V < VIN < 16V,
0.5V < VOUT < 1.8V with ±0.5% Accuracy, Single 36A or Dual 18A
LTC3717
Step-Down Controller for VTT for DDR Memory
Termination
4V < VIN < 36V, IOUT = ±20A, Requires External Inductor and MOSFET
LTC6902
Multiphase Oscillator for Multiphase Operation
2-, 3- or 4-Phase, 5kHz to 20MHz Frequency Range


Podobny numer części - LTM4639

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
   Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4639 LINER-LTM4639 Datasheet
720Kb / 34P
   Dual 25A or Single 50A DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
662Kb / 36P
   Dual 25A or Single 50A 關Module Regulator with 0.8% DC and 3% Transient Accuracy
LTM4639 LINER-LTM4639 Datasheet
2Mb / 38P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
LTM4639 LINER-LTM4639 Datasheet
1Mb / 36P
   Dual 25A or Single 50A DC/DC 關Module Regulator with 1% DC Accuracy
More results

Podobny opis - LTM4639

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4632EV LINER-LTM4632EV Datasheet
515Kb / 8P
   Ultrathin 關Module Regulator for DDR-QDR4 Memory VDDQ, VTT and VREF
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
   Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
LTM4622EV LINER-LTM4622EV Datasheet
691Kb / 6P
   Ultrathin Dual 2.5A, Single 5A Step-Down 關Module Regulator
LTM4622 LINER-LTM4622_15 Datasheet
774Kb / 26P
   Dual Ultrathin 2.5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
   Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
LTM4644EY LINER-LTM4644EY Datasheet
436Kb / 6P
   Quad 4A Output Step-Down 關Module Regulator
LTM4622 LINER-LTM4622 Datasheet
451Kb / 28P
   Dual Ultrathin 2.5A or Single 5A Step-Down DC/DC 關Module Regulator
logo
Allegro MicroSystems
A4490 ALLEGRO-A4490 Datasheet
390Kb / 16P
   Triple Output Step-Down Switching Regulator
A4490EES-T ALLEGRO-A4490EES-T Datasheet
395Kb / 17P
   Triple Output Step-Down Switching Regulator
A4491EESTR-T ALLEGRO-A4491EESTR-T Datasheet
397Kb / 16P
   Triple Output Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com