Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LTM4653 Arkusz danych(PDF) 10 Page - Linear Technology

Numer części LTM4653
Szczegółowy opis  EN55022B Compliant 58V, 4A Step-Down DC/DC 關Module Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINER [Linear Technology]
Strona internetowa  http://www.linear.com
Logo LINER - Linear Technology

LTM4653 Arkusz danych(HTML) 10 Page - Linear Technology

Back Button LTM4653 Datasheet HTML 6Page - Linear Technology LTM4653 Datasheet HTML 7Page - Linear Technology LTM4653 Datasheet HTML 8Page - Linear Technology LTM4653 Datasheet HTML 9Page - Linear Technology LTM4653 Datasheet HTML 10Page - Linear Technology LTM4653 Datasheet HTML 11Page - Linear Technology LTM4653 Datasheet HTML 12Page - Linear Technology LTM4653 Datasheet HTML 13Page - Linear Technology LTM4653 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LTM4653
10
Rev 0
For more information www.analog.com
IMONb (C1): Power Inductor Analog Indicator Current De-
fault Termination R-C Network. A 10kΩ resistor in parallel
with a 10nF capacitor and terminating to SGND connect
to this pin. Connect IMONb to IMONa to achieve default
power inductor analog indicator current characteristics:
1V at full scale (4A) load current. (See IMONa.)
TEMP+ (J1, J6): Temperature Sensor, Positive Input.
Emitter of a 2N3906-genre PNP bipolar junction transis-
tor (BJT). Optionally interface to temperature monitor-
ing circuitry such as LTC®2997, LTC2990, LTC2974 or
LTC2975.Otherwiseleaveelectricallyopen.PinsJ1andJ6
areelectricallyconnectedtogetherinternaltotheLTM4653,
and thus it is only necessary to connect one TEMP+ pin
to monitoring circuitry. The remaining TEMP+ pin can be
used for redundant connectivity or routed to an ICT test
point for design-for-test considerations, as desired.
TEMP– (J2, J7): Temperature Sensor, Negative Input.
Collector and base of a 2N3906-genre PNP bipolar junc-
tion transistor (BJT). Optionally interface to temperature
monitoringcircuitrysuchasLTC2997, LTC2990,LTC2974
or LTC2975. Otherwise leave electrically open. Pins J2
and J7 are electrically connected together internal to the
LTM4653, and thus it is only necessary to connect one
TEMP– pin to monitoring circuitry. The remaining TEMP–
pin can be used for redundant connectivity or routed to an
ICTtestpointfordesign-for-testconsiderations,asdesired.
SW (H4): Switching Node of Switching Converter Stage.
Used for test purposes. May be routed a short distance
with a thin trace to a local test point to monitor switching
action of the converter, if desired, but do not route near any
sensitivesignals;otherwise,leaveelectricallyopencircuit.
NC (A6-7, B2, B6-7, C6-7, D6-7, E6-7, F6-7, G6-7, H6-7,
K6-7, L6-7): No connect pins, i.e., pins with no internal
connection. The NC pins predominantly serve to provide
improved mounting of the module to the board. In one’s
layout, NC pins are permitted to remain electrically uncon-
nected or can be connected as desired, e.g., connected
to a GND plane for heat-spreading purposes and/or to
facilitate routing.
PIN FUNCTIONS


Podobny numer części - LTM4653

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
LTM4653 AD-LTM4653 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
More results

Podobny opis - LTM4653

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LTM4651 LINER-LTM4651 Datasheet
1Mb / 34P
   EN55022B Compliant 58V, 24W Inverting-Output DC/DC 關Module Regulator
LTM4624 LINER-LTM4624 Datasheet
347Kb / 26P
   14VIN, 4A Step-Down DC/DC 關Module Regulator
LTM4624 LINER-LTM4624_15 Datasheet
381Kb / 26P
   14VIN, 4A Step-Down DC/DC Module Regulator
LTM8032 LINER-LTM8032_15 Datasheet
524Kb / 26P
   EN55022B Compliant 36V, 2A DC/DC Module Regulator
LTM8050 LINER-LTM8050 Datasheet
436Kb / 24P
   58V, 2A Step-Down 關Module Regulator
LTM4612 LINER-LTM4612_15 Datasheet
529Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
logo
Analog Devices
LTM4655 AD-LTM4655 Datasheet
3Mb / 54P
   EN55022B Compliant 40V, Dual 4A or Single 8A Step-Down or 50W Inverting 關Module Regulator
logo
Linear Technology
LTM4613 LINER-LTM4613_15 Datasheet
520Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 8A, DC/DC Module Regulator
LTM4612 LINER-LTM4612_1 Datasheet
525Kb / 28P
   EN55022B Compliant 36VIN, 15VOUT, 5A, DC/DC Module Regulator
LTM4624EY LINER-LTM4624EY Datasheet
464Kb / 6P
   4A Step-Down 關Module Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com