Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376A Arkusz danych(PDF) 40 Page - Asahi Kasei Microsystems

Numer części AK4376A
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376A Arkusz danych(HTML) 40 Page - Asahi Kasei Microsystems

Back Button AK4376A Datasheet HTML 36Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 37Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 38Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 39Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 40Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 41Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 42Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 43Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 44Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 40 -
Table 19. VDD Mode Holding Period Setting (x: Do not care)
VDDTM[3:0] bits
VDD Mode Holding Period
8 kHz
44.1 kHz
96 kHz
192 kHz
0000
1024/fs
128 ms
23.2 ms
10.7 ms
5.3 ms
(default)
0001
2048/fs
256 ms
46.4 ms
21.3 ms
10.7 ms
0010
4096/fs
512 ms
92.9 ms
42.7 ms
21.3 ms
0011
8192/fs
1024 ms
186 ms
85.3 ms
42.7 ms
0100
16384/fs
2048 ms
372 ms
170.7 ms
85.3 ms
0101
32768/fs
4096 ms
743 ms
341.3 ms
170.7 ms
0110
65536/fs
8192 ms
1486 ms
682.7 ms
341.3 ms
0111
131072/fs
16384 ms
2972 ms
1365.3 ms
682.7 ms
1xxx
262144/fs
32768 ms
5944 ms
2730.7 ms
1365.3 ms
Note 71. Oct speed mode (fs = 256 k / 352.8 k / 384 kHz) has the same cycle as fs = 32 k / 44.1 k / 48 kHz.
When the output voltage becomes less than class-G mode switching level, the internal detection counter
for 1/2 VDD mode which is set by LVDTM[2:0] bits starts. This counter is reset when the output voltage
exceeds class-G mode switching level. The charge pump operation mode is changed to VDD from 1/2
VDD if the detection counter of 1/2VDD mode is finished and also the VDD mode hold period is passed.
Detection Time (LVTDM[2:0]bits)
VDD
Under 1/2 VDD Level
1/2VDD
VDD(Start)
1) Detection Time < 1/2 VDD Level
VDD
2) Detection Time > 1/2 VDD Level
Class-G Mode
Class-G Mode
Class-G Mode Switching Level
Class-G Mode Switching Level
Figure 16. Transition to 1/2 VDD Mode from VDD Mode


Podobny numer części - AK4376A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com