Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK4376A Arkusz danych(PDF) 55 Page - Asahi Kasei Microsystems

Numer części AK4376A
Szczegółowy opis  Low-Power Advanced 32-bit DAC with HP
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK4376A Arkusz danych(HTML) 55 Page - Asahi Kasei Microsystems

Back Button AK4376A Datasheet HTML 51Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 52Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 53Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 54Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 55Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 56Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 57Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 58Page - Asahi Kasei Microsystems AK4376A Datasheet HTML 59Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 68 page
background image
[AK4376A]
016014206-E-00
2016/11
- 55 -
<Sequence>
(1) Set the PDN pin
“L” → “H” after the AK4376A is powered up. In this case, 1ms or more “L”
time is needed for a certain reset. (MCKI, BCLK, LRCK, SDATA, SCL and SDA should be
input after all power supplies are ON.)
(2) Set the PDN pin =
“H” to release the power down. Register access will be valid after 0.8 ms.
However, a wait time of 10 ms is needed to access power management bits of the analog
circuit (PMCP1 bit, PMCP2 bit, PMLDO1P bit, PMLDO1N bit, PMDAC bit, PMHPL bit,
PMHPR bit, PMPLL bit) until the analog circuit is powered up. Execute register write after
analog circuit is powered up.
(3) Input MCKI, BCLK and LRCK.
(4) Set sampling frequency (FS[4:0] bits) and the input signal path of the DAC
(LDACL bit = RDACR bit =
“0” → “1”).
(5) Set DAC digital volume by OVL[4:0] bits.
Both Lch and Rch volumes are controlled by OVL[4:0] bits when OVOLCN bit =
“1” (default).
(6) Power up CP1 (PMCP1 bit=
“0” → “1”)
LDO1P and LDO1N should be powered up (PMLDO1P bit = PMLDO1N bit = "0"→"1") after
6.5 ms (Note 75) from CP1 power-up.
(7) Power up DAC (PMDA bit =
“0” → “1”)
DAC must be powered up after 1 ms (Note 75) from LDO1P and LDO2P power up.
(8) Power up CP2 (PMCP2 bit =
“0” → “1”)
CP2 must be powered up after LDO1P and LDO1N are powered up.
(9) Power up HPL and HPR (PMHPL bit = PMHPR bit =
“0” → “1”)
HPL and HPR should be powered up after 4.5 ms (Note 75) from CP2 power up.
The power-up time of HP-Amp is 25.9 ms (@ fs = 44.1 kHz). The HPL pin and the HPR pin
output 0 V until the HP-Amp is powered up.
Note 75. Refer to
“■ Charge Pump & LDO Circuit Power-up Time”


Podobny numer części - AK4376A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
More results

Podobny opis - AK4376A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK4376ECB AKM-AK4376ECB Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4377A AKM-AK4377A Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4376 AKM-AK4376 Datasheet
198Kb / 5P
   Low-Power Advanced 32-bit DAC with HP
AK4376AECB AKM-AK4376AECB Datasheet
1Mb / 68P
   Low-Power Advanced 32-bit DAC with HP
AK4375A AKM-AK4375A Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4375AECB AKM-AK4375AECB Datasheet
270Kb / 4P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4331 AKM-AK4331 Datasheet
2Mb / 91P
   Low-Power Advanced 32-bit DAC with HP/SRC
AK4456 AKM-AK4456 Datasheet
2Mb / 84P
   115dB 768kHz Advanced 32-bit DAC
AK4366 AKM-AK4366 Datasheet
266Kb / 30P
   Low Power 24-Bit 2ch DAC with HP-AMP
AK4366 AKM-AK4366_04 Datasheet
339Kb / 31P
   Low Power 24-Bit 2ch DAC with HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com