Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5522 Arkusz danych(PDF) 26 Page - Asahi Kasei Microsystems

Numer części AK5522
Szczegółowy opis  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 Arkusz danych(HTML) 26 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 22Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 23Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 24Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 25Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 26Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 27Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 28Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 29Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 30Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 26 -
External Master Mode (Serial Control Mode) (Continued)
BICK Output Timing
Stereo Mode
Period (Table 18)
tBICK
-
-
BCKO1-
0 bit = “00”
-
1/(32fs)
-
s
BCKO1-
0 bit = “01”
-
1/(64fs)
-
s
BCKO1-
0 bit = “10”
-
1/(128fs)
-
s
BCKO1-
0 bit = “11”
-
1/(256fs)
-
s
Duty Cycle
dBICK
-
50
-
%
TDM256 Mode
Period (Table 18)
tBICK
1/(256fs)
s
Duty Cycle
dBICK
-
50
-
%
TDM128 Mode
Period (Table 18)
tBICK
1/(128fs)
s
Duty Cycle (Note 20)
dBICK
-
50
-
%
Note 20. MCLK duty cycle is 50%.
External Slave Mode (Serial Control Mode)
(Ta=
40 - +105C; AVDD=3.0 - 3.6V or 4.5 - 5.5V, DVDD=3.0 - 3.6V or 1.7 - 1.98V, C
L=20pF, unless
otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
MCLK Input Timing
MCLK=256fsn
Frequency
fMCLK
2.048
-
13.824
MHz
Pulse Width Low
tMCLKL
32
-
-
ns
Pulse Width High
tMCLKH
32
-
-
ns
MCLK=384fsn
Frequency
fMCLK
3.072
-
18.432
MHz
Pulse Width Low
tMCLKL
22
-
-
ns
Pulse Width High
tMCLKH
22
-
-
ns
MCLK=512fsn, 256fsd, 128fsq
Frequency
fMCLK
4.096
-
27.648
MHz
Pulse Width Low
tMCLKL
16
-
-
ns
Pulse Width High
tMCLKH
16
-
-
ns
MCLK=768fsn, 384fsd, 192fsq
Frequency
fMCLK
6.144
-
36.864
MHz
Pulse Width Low
tMCLKL
11
-
-
ns
Pulse Width High
tMCLKH
11
-
-
ns


Podobny numer części - AK5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

Podobny opis - AK5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com