Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AK5522 Arkusz danych(PDF) 57 Page - Asahi Kasei Microsystems

Numer części AK5522
Szczegółowy opis  Differential Input Stereo 32-bit ADC with Excellent PSRR
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AKM [Asahi Kasei Microsystems]
Strona internetowa  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK5522 Arkusz danych(HTML) 57 Page - Asahi Kasei Microsystems

Back Button AK5522 Datasheet HTML 53Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 54Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 55Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 56Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 57Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 58Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 59Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 60Page - Asahi Kasei Microsystems AK5522 Datasheet HTML 61Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 84 page
background image
[AK5522]
017002311-E-00
2017/03
- 57 -
EXT Slave Mode (Serial Control Mode)
Mode
CM3
bit
CM2
bit
CM1
bit
CM0
bit
Stereo
/TDM
Table 17
MCLK
Freq.
I/O
LRCK
Freq.
(fs) [kHz]
I/O
BICK
Freq.
(Stereo)
BICK
Freq.
(TDM)
I/O PLL
4
0
1
0
0
Stereo
TDM256
1024fs
I
8 - 32
I 32fs, 64fs,
128fs,
256fs
256fs
I
OFF
768fs
I
8 - 48
I
OFF
512fs
I
8 - 54
I
OFF
384fs
I
48 - 96
I 32fs, 64fs,
128fs
256fs
I
OFF
256fs
I
54 - 108
I
OFF
Stereo
TDM128
192fs
I
96 - 192
I
32fs, 64fs 128fs
I
OFF
128fs
I
108 - 216
I
OFF
5
0
1
0
1
Stereo
TDM256
384fs
I
8 - 48
I 32fs, 64fs,
128fs,
256fs
256fs
I
OFF
256fs
I
8 - 54
I
OFF
Table 19. EXT Slave Mode Setting (Serial Control Mode)
MCLK
[MHz]
fs [kHz]
128fs
192fs
256fs
384fs
512fs
768fs
1024fs
8
N/A
N/A
2.048
3.072
4.096
6.144
8.192
16
N/A
N/A
4.096
6.144
8.192
12.288
16.384
32
N/A
N/A
8.192
12.288
16.384
24.576
32.768
48
N/A
N/A
12.288
18.432
24.576
36.864
N/A
96
N/A
18.432
24.576
36.864
N/A
N/A
N/A
192
24.576
36.864
N/A
N/A
N/A
N/A
N/A
(
N/A: Not Available)
Table 20. System Clock Example (EXT Slave Mode)
Figure 54. EXT Slave Mode
Figure 55. EXT Slave Mode (TDM128, TDM256 Output)
MCLK
BICK
LRCK
SDTO
BICK
LRCK
SDTI
AK5522
DSP or
P
128fs, 256fs
1fs
MCLK
128fs, 192fs, 256fs,
384fs 512fs,
768fs, 1024fs
MCLK
BICK
LRCK
SDTO
BICK
LRCK
SDTI
AK5522
DSP or
P
32fs, 64fs,
128fs, 256fs
1fs
128fs, 192fs, 256fs,
384fs 512fs,
768fs, 1024fs
MCLK


Podobny numer części - AK5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
More results

Podobny opis - AK5522

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Asahi Kasei Microsystem...
AK5522VN AKM-AK5522VN Datasheet
1Mb / 84P
   Differential Input Stereo 32-bit ADC with Excellent PSRR
AK5397 AKM-AK5397 Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5397EQ AKM-AK5397EQ Datasheet
1Mb / 44P
   32-Bit Stereo Premium ADC
AK5556VN AKM-AK5556VN_16 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5572 AKM-AK5572 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
AK5576 AKM-AK5576 Datasheet
1Mb / 69P
   6-Channel Differential 32-bit ADC
AK5558VN AKM-AK5558VN_16 Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5538VN AKM-AK5538VN Datasheet
1Mb / 70P
   8-Channel Differential 32-bit ADC
AK5574 AKM-AK5574 Datasheet
1Mb / 68P
   4-Channel Differential 32-bit ADC
AK5552VN AKM-AK5552VN_16 Datasheet
1Mb / 68P
   2-Channel Differential 32-bit ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com